AD8436ARQZ-R7
AI

## Technical Overview of the AD8436ARQZ-R7
The **AD8436ARQZ-R7** is a high-precision, monolithic **True RMS-to-DC Converter** manufactured by Analog Devices. It is designed to compute the precise DC equivalent of complex AC waveforms (like sine, square, or triangle waves) with high accuracy.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Package Type** | QSOP-20 (Shrink Small Outline Package) |
| **Input Type** | High Impedance FET Input |
| **Bandwidth** | 1 MHz (Full Power) |
| **Accuracy** | ±10 µV (Typical Offset Voltage) |
| **Supply Voltage Range** | ±2.4 V to ±18 V (Dual) or 4.8 V to 36 V (Single) |
| **Operating Temperature** | -40°C to +125°C |
| **Dynamic Range** | 100 µV to 3 V RMS |
---
### 2. Functional Components
The AD8436 is more than just a converter; it contains several integrated functional blocks that simplify circuit design:
* **FET Input Buffer:** Provides a very high input impedance, allowing it to interface with high-impedance sensors without loading the signal source.
* **Precision Rectifier:** Converts the input signal into its absolute value.
* **Squarer/Divider Circuit:** Performs the core mathematical computation (Root-Mean-Square).
* **Output Buffer:** An internal operational amplifier used to drive the final output or serve as an active filter.
* **Internal Scaling Resistors:** Allows for easy gain adjustment or interfacing with different voltage levels.
---
### 3. Pinout and Integration Features
As a QSOP-20 device, it is compact and features pins dedicated to fine-tuning the output:
1. **CAV (Averaging Capacitor):** An external capacitor is connected here to determine the averaging time constant (low-frequency performance).
2. **CBUF (Buffer Capacitor):** Used for filtering the output ripples.
3. **V+ / V-:** Power supply pins.
---
### 4. Common Applications
* **True RMS Digital Multimeters (DMM):** Used to measure AC voltage accurately regardless of the waveform shape.
* **Industrial Process Control:** Monitoring motor health or power quality.
* **Audio Equipment:** Precision level meters and compressors.
* **Power Monitoring:** Measuring non-sinusoidal currents in switching power supplies.
---
### 5. Part Number Breakdown (AD8436ARQZ-R7)
* **AD8436:** Base Model Number.
* **A:** Grade (standard performance grade).
* **RQ:** Package code for QSOP.
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically 1,000 units).
- ⤷How do you calculate the required value for the CAV (averaging capacitor)?
- ⤷ What are the advantages of True RMS-to-DC conversion over average-responding circuits?
- ⤷ Can the AD8436 be used with a single-ended power supply?