Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8468WBKSZ-R7

  • AI
    The **AD8468WBKSZ-R7** is a high-speed, low-power comparator manufactured by Analog Devices. It is specifically designed for automotive applications and high-performance signal processing where speed and efficiency are critical. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Rail-to-Rail Comparator | | **Propagation Delay** | 40 ns (Typical) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Supply Current** | 500 µA (Typical) | | **Package Type** | SC70-6 (6-lead) | | **Operating Temperature** | -40°C to +125°C | | **Input Offset Voltage** | 5.0 mV (Maximum) | | **Automotive Qualified** | Yes (AEC-Q100) | --- ### ## Key Features and Functions 1. **Rail-to-Rail Inputs/Outputs:** The device allows for input signals to swing across the full range of the supply voltage, providing maximum dynamic range. The output can also drive signals close to the supply rails. 2. **AEC-Q100 Qualification:** The "W" in the part number indicates it is an automotive-grade part, meaning it has undergone rigorous testing for reliability in harsh environments. 3. **Hysteresis Control:** The SC70-6 package includes a pin for internal hysteresis, which helps prevent output oscillations when dealing with noisy or slow-moving input signals. 4. **High Speed vs. Power Ratio:** With a 40 ns delay at only 500 µA current, it is highly efficient for battery-powered or heat-sensitive automotive modules. --- ### ## Part Number Breakdown The nomenclature for this specific part is as follows: * **AD8468**: The base model number. * **W**: Automotive grade. * **BKSZ**: Package code (SC70-6). * **R7**: Packaging format (7-inch Tape and Reel, typically 3000 units). --- ### ## Common Applications * **Battery Management Systems (BMS):** Monitoring cell voltage thresholds. * **Threshold Detectors:** Converting analog signals to digital pulses. * **PWM Generation:** Used in motor control and power conversion. * **Window Comparators:** Monitoring signal health within a specific voltage range.
    ✨ Follow-up Questions
    • ⤷ How does the hysteresis pin function in this specific package?
    • ⤷ What are the primary differences between the AD8468 and the AD8465?
    • ⤷ Can this part be used in 3.3V logic systems without level shifting?