AD8475BRMZ-R7
AI

### AD8475BRMZ-R7: Precision Fully Differential Funnel Amplifier
The **AD8475BRMZ-R7** is a precision, selectable-gain, fully differential amplifier manufactured by Analog Devices. It is primarily designed as a "funnel" amplifier—meaning it takes high-voltage signals and attenuates them to levels suitable for high-speed, low-voltage Analog-to-Digital Converters (ADCs).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Differential Funnel Amplifier / ADC Driver |
| **Gain Settings** | 0.4x and 0.8x (User selectable) |
| **Input Voltage Range** | Up to ±12.5V (on a single 5V supply) |
| **Output Type** | Fully Differential |
| **Bandwidth (-3dB)** | 85 MHz |
| **Slew Rate** | 50 V/µs |
| **Operating Supply** | +3V to +10V (Single) or ±1.5V to ±5V (Dual) |
| **Package** | 8-lead MSOP (Mini Small Outline Package) |
---
### 2. Core Functional Features
* **Precision Attenuation:** Unlike most amplifiers that increase signal amplitude, the AD8475 is optimized to reduce (attenuate) signal levels. This allows industrial-level signals (like ±10V) to interface with 5V or 3V ADCs.
* **Integrated Resistors:** The gain-setting resistors are laser-trimmed and integrated onto the chip. This ensures excellent gain accuracy and high Common-Mode Rejection Ratio (CMRR).
* **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range for the ADC.
* **VOCM Pin:** Includes a common-mode voltage pin that allows the user to set the output common-mode voltage independently, ensuring the signal is centered perfectly for the ADC's input range.
---
### 3. Pinout and Internal Logic
The device is housed in an 8-lead MSOP package. Below is the functional breakdown of the pins:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOCM** | Output common-mode voltage set point. |
| 2 | **VIP** | Positive Input. |
| 3 | **VIN** | Negative Input. |
| 4 | **V-** | Negative Power Supply. |
| 5 | **VOUT-** | Negative Differential Output. |
| 6 | **VOUT+** | Positive Differential Output. |
| 7 | **V+** | Positive Power Supply. |
| 8 | **GAIN** | Gain selection pin (Connect to V+ for 0.4x, V- for 0.8x). |
---
### 4. Typical Application Circuit
The AD8475 is commonly used in **Data Acquisition Systems (DAQ)**.
```c
// Signal Flow Example
[High Voltage Sensor ±10V]
|
v
[AD8475 (Gain = 0.4)] --> Attenuates ±10V to ±4V
|
v
[Precision SAR ADC] --> 16-bit or 18-bit Digital Output
```
---
### 5. Packaging Suffix Breakdown: "BRMZ-R7"
* **B:** Performance Grade (Industrial temp range -40°C to +105°C).
* **RM:** MSOP (Mini Small Outline Package).
* **Z:** RoHS Compliant / Lead-Free.
* **R7:** Tape and Reel packaging (7-inch reel, typically 1,000 units).
- ⤷
How does the VOCM pin help in interfacing with a specific ADC?
- ⤷ What are the advantages of integrated resistors over discrete ones in this circuit?
- ⤷ Can the AD8475 be used with a single-ended input signal?