AD8505ACBZ-R7
AI

## Overview of the AD8505ACBZ-R7
The **AD8505ACBZ-R7** is an ultra-low power, precision CMOS operational amplifier manufactured by **Analog Devices**. It is specifically designed for portable and battery-powered applications where power consumption is a critical constraint.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Number of Channels** | 1 (Single Op-Amp) |
| **Supply Voltage (Single)** | 1.8 V to 5.5 V |
| **Supply Current (per channel)** | 15 µA (Typical) |
| **Gain Bandwidth Product (GBW)** | 95 kHz |
| **Input Offset Voltage** | 500 µV (Maximum) |
| **Input Bias Current** | 1 pA (Typical) |
| **Rail-to-Rail** | Input and Output (RRIO) |
| **Package / Case** | 5-WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **Micropower Consumption:** Consuming only 15 µA typical, it significantly extends battery life in handheld devices.
* **Low Input Bias Current:** The CMOS input stage ensures sub-picoampere bias currents, making it ideal for high-impedance sensors and photodiode transimpedance amplification.
* **Rail-to-Rail Input/Output (RRIO):** This allows the amplifier to handle signal swings that cover the full range of the power supply, maximizing dynamic range in low-voltage systems.
* **Precision Performance:** Despite the low power, it maintains a low offset voltage, reducing errors in DC precision circuits.
---
### 3. Pin Configuration (WLCSP Package)
The AD8505ACBZ-R7 uses a tiny **5-ball WLCSP** package. The typical pinout for this single-channel op-amp is:
1. **Vout:** Output of the amplifier.
2. **V-:** Negative power supply (or Ground).
3. **Vin+:** Non-inverting input.
4. **Vin-:** Inverting input.
5. **V+:** Positive power supply.
---
### 4. Common Applications
* **Portable Instruments:** Handheld multimeters and environmental sensors.
* **Battery Management:** Current sensing and battery monitoring circuits.
* **Medical Devices:** Wearable health monitors (e.g., heart rate or glucose monitors).
* **Remote Sensors:** IoT nodes operating on coin-cell batteries or energy harvesting.
---
### 5. Implementation Example (Unity Gain Buffer)
Below is a simple representation of how the AD8505 is used as a voltage follower to buffer a high-impedance signal.
```spice
* Unity Gain Buffer Example
* V1: Supply Voltage (e.g., 3V)
* V2: Input Signal
Vcc V+ 0 3V
Vee V- 0 0V
Vin Vin+ 0 1.5V
* Connect Inverting Input to Output for Buffer
X1 Vin+ Vout V+ V- Vout AD8505
```
- ⤷
What are the main differences between the AD8505 and the AD8506?
- ⤷ Can the AD8505 be used in high-speed signal processing?
- ⤷ What are the soldering precautions for the WLCSP package used by this chip?