AD8515AKSZ-R2
AI

The **AD8515AKSZ-R2** is a high-performance, low-power operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for battery-powered applications where space and power consumption are critical constraints.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8515:
| Parameter | Specification |
| :--- | :--- |
| **Input/Output Type** | Rail-to-Rail |
| **Supply Voltage (Single)** | 1.8V to 5.0V |
| **Supply Current** | 350 $\mu$A (typical) |
| **Gain Bandwidth Product** | 5 MHz |
| **Slew Rate** | 2.7 V/$\mu$s |
| **Offset Voltage** | 1 mV (typical) |
| **Package Type** | SC70-5 (indicated by "KSZ") |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific variant:
* **AD8515**: The core model number (Low power, Rail-to-Rail Op-Amp).
* **AKSZ**:
* **A**: Grade (Performance tier).
* **KS**: Package code for **SC70** (an ultra-small surface-mount package).
* **Z**: RoHS compliant (Lead-free).
* **R2**: Tape and Reel size (typically indicating a 7-inch reel with 250 units).
---
### 3. Core Features & Advantages
The AD8515 stands out due to several architectural features:
* **Rail-to-Rail Input/Output (RRIO):** Unlike standard op-amps, the input and output signal swings can reach both the positive and negative supply rails. This is vital for low-voltage systems (like 1.8V) to maximize dynamic range.
* **Low Power Consumption:** With a current draw of only 350 $\mu$A, it is ideal for devices running on coin-cell batteries.
* **Unity Gain Stable:** It can be used as a simple buffer (voltage follower) without oscillating.
* **High Speed for Low Power:** A 5 MHz bandwidth is relatively high for an amplifier consuming so little current.
---
### 4. Common Applications
Due to its tiny SC70 footprint and low voltage capability, it is commonly found in:
1. **Portable Medical Devices:** Glucose meters, heart rate monitors.
2. **Sensor Interfaces:** Buffering signals from photodiodes or thermistors in IoT devices.
3. **Mobile Communications:** Audio buffering in smartphones and headsets.
4. **Battery Monitoring:** Sensing current/voltage in power management circuits.
---
### 5. Application Circuit Example (Voltage Follower)
To use the AD8515 as a buffer to prevent signal loading:
```python
# Pinout Configuration for SC70-5
Pin 1: OUT (Output)
Pin 2: V- (Negative Supply / Ground)
Pin 3: +IN (Non-inverting Input)
Pin 4: -IN (Inverting Input)
Pin 5: V+ (Positive Supply)
```
- ⤷
What is the difference between the AD8515 and the AD8510?
- ⤷ Can the AD8515 be used with a dual +/- 2.5V power supply?
- ⤷ What are the thermal considerations for the SC70 package in high-speed applications?