Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8538AUJZ-R2

  • AI
    The **AD8538AUJZ-R2** is a high-precision, low-power operational amplifier (Op-Amp) manufactured by Analog Devices. It belongs to the "Zero-Drift" family, making it ideal for applications where accuracy over time and temperature is critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8538 series: | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Auto-Zero) | | **Supply Voltage Range** | 2.7 V to 5.0 V | | **Offset Voltage (Max)** | 13 µV | | **Offset Drift (Max)** | 0.1 µV/°C | | **Supply Current (Typical)** | 180 µA per amplifier | | **Bandwidth** | 430 kHz | | **Package Type** | TSOT-23 (5-lead) | | **Output Type** | Rail-to-Rail | --- ### 2. Core Features * **Zero-Drift Technology:** It uses an internal "chopping" or auto-zeroing mechanism to continuously correct its own offset voltage. This eliminates 1/f noise (flicker noise) and ensures stability regardless of temperature fluctuations. * **Low Input Bias Current:** Suitable for high-impedance sensors as it minimizes errors caused by current flowing into the input pins. * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range of the signal, which is vital for low-voltage systems. --- ### 3. Part Number Breakdown Understanding the suffix codes for the **AD8538AUJZ-R2**: * **AD8538:** The base model number. * **A:** Performance grade (Standard). * **UJZ:** Indicates the package type (TSOT-23). * **R2:** Indicates the reel size/quantity (typically a 7-inch reel containing 250 units). --- ### 4. Typical Applications Due to its precision and low power consumption, this part is commonly found in: 1. **Handheld Medical Devices:** For accurate sensor readings (e.g., glucose meters). 2. **Precision Current Sensing:** Used in battery monitors and power management. 3. **Transducer Interfaces:** Amplifying signals from thermocouples, strain gauges, and RTDs. 4. **Automotive Sensors:** High stability in environments with changing temperatures. --- ### 5. Implementation Example Here is a conceptual representation of how this Op-Amp might be configured as a non-inverting amplifier for a sensor: ```c // Schematic logic for gain calculation Vout = Vin * (1 + (Rf / Rin)) // Key considerations for AD8538: // 1. Keep decoupling capacitors (0.1uF) close to V+ pin. // 2. Avoid long traces on input to maintain low noise. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Drift and standard Op-Amps?
    • ⤷ Can the AD8538 operate on a dual-supply voltage?
    • ⤷ What are the recommended decoupling capacitor values for this IC?