Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8564ANZ

  • AI
    ## AD8564ANZ: Quad Ultra-Fast Low Power Comparator The **AD8564ANZ** is a high-speed quad comparator manufactured by Analog Devices. It is designed for systems that require high performance with low power consumption. The "ANZ" suffix typically denotes the package type (Plastic Dual In-Line Package - PDIP) and lead-free compliance. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Propagation Delay** | 7 ns (Very Fast) | | **Supply Voltage (Single)** | +5 V | | **Supply Voltage (Dual)** | ±5 V | | **Supply Current per Channel** | 3 mA | | **Input Offset Voltage** | 2 mV (max) | | **Output Type** | CMOS / TTL Compatible | | **Package** | 16-Lead PDIP | --- ### 2. Functional Electronic Components The AD8564ANZ architecture consists of several critical stages that define its behavior: 1. **Input Differential Pair:** Unlike standard operational amplifiers, the input stage of the AD8564 is optimized for speed. It can handle a wide common-mode range, allowing it to detect small voltage differences quickly. 2. **Gain Stage:** A high-gain internal stage ensures that even a millivolt of difference between the input pins results in a definitive logic state change. 3. **Latch Function:** The chip includes a **Latch Enable (LE)** pin. When the latch is activated, the output is "frozen" at its current logic level, regardless of changes at the input. This is vital for timing-sensitive digital interfacing. 4. **Output Driver:** The output stage is designed to be compatible with TTL and CMOS logic levels. It provides rail-to-rail swing, ensuring it can drive subsequent logic gates without additional level-shifting components. --- ### 3. Pin Configuration (16-Pin PDIP) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | OUT A | Digital Output, Channel A | | 2, 3 | IN- A, IN+ A | Inverting/Non-inverting Inputs, Channel A | | 4 | V+ | Positive Supply Voltage | | 5, 6 | IN+ B, IN- B | Non-inverting/Inverting Inputs, Channel B | | 7 | OUT B | Digital Output, Channel B | | 8 | LE | Latch Enable Pin | | 9-16 | ... | Pattern repeats for Channels C and D and Ground (V-) | --- ### 4. Common Applications * **Line Receivers:** Converting distorted or weak signals into clean square waves. * **PWM Generation:** High-speed Pulse Width Modulation for power electronics. * **Peak Detectors:** Identifying the maximum voltage in high-frequency waveforms. * **Zero-Crossing Detectors:** Used in AC power management to identify when a sine wave crosses 0V. * **Data Communications:** High-speed clock recovery and signal conditioning. --- ### 5. Design Considerations ```python # Design Note: Hysteresis # To prevent "chatter" (oscillations) when the input is noisy, # it is recommended to add a small amount of positive feedback # (hysteresis) using external resistors. R_input = 10000 # 10k Ohms R_feedback = 1000000 # 1M Ohms # Resulting Hysteresis ~ (V_out_max * R_input) / R_feedback ```
    ✨ Follow-up Questions
    • ⤷What is the difference between AD8564 and the single-channel AD8561?
    • ⤷ How do I implement hardware hysteresis with this comparator?
    • ⤷ What are the power dissipation limits for the PDIP package?