Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8602ARMZ-R2

  • AI
    ## Overview of the AD8602ARMZ-R2 The **AD8602ARMZ-R2** is a high-precision, CMOS, dual operational amplifier manufactured by Analog Devices. It is part of the AD860x family, known for its **Rail-to-Rail** input and output capabilities, low noise, and very low input bias currents. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | CMOS / General Purpose | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Bandwidth (GBP)** | 8.4 MHz | | **Slew Rate** | 6 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Offset Voltage** | 80 µV (Typical) | | **Output Current per Channel** | 50 mA | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | --- ### 2. Core Features * **Rail-to-Rail I/O:** The device allows the input and output signals to swing very close to the supply rails (both positive and negative), maximizing the dynamic range in low-voltage systems. * **Low Noise:** It offers low voltage noise (22 nV/√Hz), making it suitable for sensitive sensor interfaces. * **High Precision:** Featuring low offset voltage and low drift, it ensures accuracy over temperature changes. * **Low Power Consumption:** Each amplifier draws approximately 750 µA, making it ideal for battery-powered applications. --- ### 3. Pin Configuration (8-MSOP) The AD8602 uses a standard dual op-amp pinout: 1. **OUT A:** Output of Amplifier A 2. **-IN A:** Inverting Input of Amplifier A 3. **+IN A:** Non-inverting Input of Amplifier A 4. **V-:** Negative Power Supply (or Ground) 5. **+IN B:** Non-inverting Input of Amplifier B 6. **-IN B:** Inverting Input of Amplifier B 7. **OUT B:** Output of Amplifier B 8. **V+:** Positive Power Supply --- ### 4. Common Applications * **Photodiode Amplifiers:** Due to the extremely low input bias current (pico-amps). * **Battery-Powered Instrumentation:** Low voltage requirements (2.7V) and low current draw. * **Audio Pre-amplification:** High bandwidth and low noise profiles. * **Sensor Signal Conditioning:** Used to scale signals from thermocouples or pressure sensors for ADC inputs. --- ### 5. Part Number Breakdown: AD8602ARMZ-R2 * **AD8602:** The base model number (Dual CMOS Op-Amp). * **ARMZ:** Indicates the package type (8-lead MSOP) and RoHS compliance (Z). * **R2:** Refers to the packaging format (7-inch Reel, typically containing 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8602 and the AD8604?
    • ⤷ Can the AD8602 be used in a single-supply 3.3V system?
    • ⤷ How does the input bias current affect high-impedance sensor readings?