AD8603AUJ-R2
AI

## Technical Overview of the AD8603AUJ-R2
The **AD8603AUJ-R2** is a high-precision, low-power, CMOS operational amplifier manufactured by Analog Devices. It is part of the AD8603/AD8607/AD8609 family, known for its extremely low offset voltage and rail-to-rail input/output capabilities.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Architecture** | CMOS |
| **Supply Voltage** | 1.8V to 5.0V |
| **Input Offset Voltage** | 50 µV (max at 5V) |
| **Input Bias Current** | 1 pA (typical) |
| **Quiescent Current** | 40 µA per amplifier |
| **Bandwidth** | 400 kHz |
| **Output Type** | Rail-to-Rail |
| **Package** | TSOT-23-5 (5-lead) |
---
### 2. Core Functional Components
* **Low-Power CMOS Input:** The use of CMOS technology allows for exceptionally low input bias currents (1 pA), making it ideal for interfacing with high-impedance sensors (like photodiodes).
* **Rail-to-Rail Input/Output (RRIO):** The device can handle signals that swing all the way to the positive and negative supply rails, maximizing the dynamic range in low-voltage systems.
* **Precision Circuitry:** It features very low offset voltage drift over temperature, ensuring long-term stability in battery-powered instrumentation.
---
### 3. Application Use Cases
1. **Portable Instrumentation:** Due to the ultra-low current consumption (40 µA), it is frequently used in handheld medical devices and battery-operated sensors.
2. **Photodiode Amplifiers:** The low bias current prevents error accumulation when converting light to voltage.
3. **Battery Monitoring:** Used in circuits that monitor the state of charge in lithium-ion batteries where minimal power draw is required.
---
### 4. Typical Connection Diagram (Buffer)
```mermaid
graph LR
A[Input Signal] --> B(+ Input)
B --> C[AD8603]
C --> D(Output)
D --> E(- Input / Feedback)
```
---
### 5. Part Number Breakdown: AD8603AUJ-R2
* **AD8603:** The core model (Single Op-Amp).
* **A:** Performance grade (Standard).
* **UJ:** Package designator for TSOT-23-5.
* **R2:** Packaging suffix indicating a 7-inch reel (typically 250 units).
- ⤷
How does the AD8603 compare to the AD8605 in terms of bandwidth?
- ⤷ What are the specific advantages of using a TSOT-23-5 package in PCB design?
- ⤷ Can the AD8603 be used in single-supply automotive applications?