Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8610ARMZ-R7

  • AI
    The **AD8610ARMZ-R7** is a high-precision, JFET-input operational amplifier manufactured by Analog Devices. It is widely recognized in the electronics industry for its combination of very low noise, low input bias current, and high speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8610: | Parameter | Value / Specification | | :--- | :--- | | **Input Type** | JFET (Precision) | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Dual)** | ±5V to ±13V | | **Gain Bandwidth Product** | 25 MHz | | **Slew Rate** | 60 V/µs | | **Input Bias Current** | 10 pA (max) | | **Offset Voltage** | 100 µV (max) | | **Package / Case** | 8-MSOP (ARMZ) | | **Packaging** | Tape & Reel (R7) | --- ### 2. Breakdown of the Part Number The part number can be decoded to understand the specific variant and packaging: * **AD8610**: The base model number for this precision JFET op-amp. * **ARMZ**: * **A**: Grade (performance tier). * **RM**: Indicates the package type (MSOP - Mini Small Outline Package). * **Z**: RoHS compliant (Lead-free). * **R7**: Indicates the reel size (7-inch tape and reel, typically containing 1,000 units). --- ### 3. Core Features and Advantages * **High Speed & Fast Settling:** With a 60 V/µs slew rate and fast settling time, it is excellent for driving high-speed Analog-to-Digital Converters (ADCs). * **Low Input Bias Current:** The JFET input stage ensures that minimal current flows into the input pins (pico-ampere range), which is critical for transimpedance amplifiers and photodiode sensors. * **Low Noise:** It offers low voltage noise density (6 nV/√Hz), making it suitable for high-fidelity audio and precision instrumentation. * **High Input Impedance:** Ideal for buffering high-impedance sources without loading the signal. --- ### 4. Common Applications Due to its precision and speed, the AD8610 is commonly found in: 1. **Precision Instrumentation:** Measurement equipment requiring high accuracy. 2. **Photodiode Pre-amps:** Converting light-induced current into voltage. 3. **High-End Audio:** Preamplifiers and active filters where signal integrity is paramount. 4. **Level Shifting:** Shifting signal voltages for ADC inputs. --- ### 5. Typical Connection Diagram (Buffer Configuration) ```spice +Vcc | |\| In --|+\ | >-- Out --|-/ | |/ | | |____| -Vee ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8610 and the dual-channel AD8620?
    • ⤷ How does the JFET input compare to a standard CMOS input in terms of noise?
    • ⤷ What is the recommended decoupling capacitor setup for this op-amp to ensure stability?