AD8626ARMZ-R2
AI

The **AD8626ARMZ-R2** is a high-precision, low-power, dual-channel JFET input operational amplifier manufactured by **Analog Devices**. It belongs to the AD862x family, known for combining low noise with high input impedance.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8626:
| Parameter | Specification |
| :--- | :--- |
| **Channels** | Dual (2) |
| **Input Type** | JFET |
| **Supply Voltage (Single)** | 5V to 26V |
| **Supply Voltage (Dual)** | ±2.5V to ±13V |
| **Offset Voltage** | 500 µV Max |
| **Input Bias Current** | 1 pA Typ / 20 pA Max |
| **Bandwidth (GBP)** | 5 MHz |
| **Slew Rate** | 5 V/µs |
| **Package** | MSOP-8 (ARMZ) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Core Functional Features
### A. JFET Input Technology
The use of JFET (Junction Field-Effect Transistor) inputs allows for an **extremely low input bias current**. This makes it ideal for applications involving high-impedance sensors (like photodiodes or pH probes) where even pico-amps of leakage could cause significant measurement errors.
### B. Rail-to-Rail Output
The AD8626 features a rail-to-rail output swing. This allows the amplifier to utilize the full dynamic range of the power supply, which is critical in low-voltage systems or when interfacing with ADCs.
### C. Low Noise and High Precision
With a low offset voltage and very low noise floor, it ensures that small signals are amplified with high fidelity without adding significant DC error or hiss to the signal chain.
---
## 3. Pinout Configuration (MSOP-8)
| Pin # | Label | Description |
| :--- | :--- | :--- |
| 1 | OUT A | Output of Channel A |
| 2 | -IN A | Inverting Input of Channel A |
| 3 | +IN A | Non-Inverting Input of Channel A |
| 4 | V- | Negative Power Supply / Ground |
| 5 | +IN B | Non-Inverting Input of Channel B |
| 6 | -IN B | Inverting Input of Channel B |
| 7 | OUT B | Output of Channel B |
| 8 | V+ | Positive Power Supply |
---
## 4. Typical Applications
* **Photodiode Transimpedance Amplifiers:** Due to the low bias current.
* **Precision Filters:** High input impedance prevents loading on filter stages.
* **Medical Instrumentation:** High accuracy and low noise are essential for ECG/EEG equipment.
* **Sensor Interfacing:** Suitable for high-impedance industrial sensors.
---
## 5. Part Number Breakdown: AD8626ARMZ-R2
* **AD8626**: The base model number.
* **A**: Grade (Specifies accuracy/temperature ranges).
* **RM**: Package designator (MSOP - Micro Small Outline Package).
* **Z**: RoHS compliant (Lead-free).
* **R2**: Shipping method (7-inch reel containing 250 units).
- ⤷
What are the main differences between the AD8626 and the single-channel AD8625?
- ⤷ How does the JFET input affect the noise performance compared to a Bipolar op-amp?
- ⤷ What is the recommended decoupling capacitor configuration for the AD8626?