AD8628AUJ-R2
AI

The **AD8628AUJ-R2** is a high-precision, zero-drift operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is widely recognized for its ultra-low offset voltage and long-term stability.
---
### ## Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8628AUJ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Zero-Drift (Chopper Stabilized) |
| **Supply Voltage** | 2.7 V to 5.0 V |
| **Offset Voltage (Max)** | 1 µV |
| **Offset Drift (Max)** | 0.005 µV/°C |
| **Bandwidth** | 2.5 MHz |
| **Slew Rate** | 1.0 V/µs |
| **Input Bias Current** | 30 pA |
| **Package Type** | TSOT-23-5 |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Core Features and Benefits
1. **Zero-Drift Technology**:
The "chopper-stabilized" architecture constantly corrects internal error voltages. This results in an incredibly low input offset voltage (typically less than 1 µV) and eliminates 1/f noise (flicker noise), making it ideal for DC precision.
2. **Rail-to-Rail Input/Output (RRIO)**:
The device can handle input and output signals that span the full range of the power supply, which is critical for low-voltage systems (like 3.3V or 5V rails).
3. **Low Noise**:
Unlike standard amplifiers, the AD8628 does not suffer from the high noise levels usually found at low frequencies, making it perfect for sensing very small signals over long periods.
4. **No External Capacitors**:
While older chopper-stabilized amps required external capacitors to store offset correction voltages, the AD8628 integrates this internally, saving PCB space.
---
### ### Common Applications
* **Pressure and Strain Sensors**: Amplifying micro-volt signals from bridges.
* **Precision Current Sensing**: Used with shunt resistors for high-side or low-side monitoring.
* **Medical Instrumentation**: ECG/EKG monitors where high precision and low noise are mandatory.
* **Thermocouple Amplifiers**: Handling the tiny voltages generated by temperature probes without adding offset error.
---
### ### Pin Configuration (TSOT-23-5)
```text
AD8628 (Top View)
+-------+-------+
OUT 1| |5 V+ |
V- 2| | |
+IN 3| |4 -IN |
+-------+-------+
```
---
- ⤷
What is the difference between the AD8628 and the AD8629?
- ⤷ How does 'chopper stabilization' eliminate 1/f noise in this chip?
- ⤷ Can the AD8628 be used with a dual power supply?