Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD8632ARM-R2

  • AI
    The **AD8632ARM-R2** is a high-performance, rail-to-rail output operational amplifier (op-amp) manufactured by Analog Devices. It is designed for low-power, precision applications where space and signal integrity are critical. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the AD8632 series: | Parameter | Specification | | :--- | :--- | | **Type** | Precision CMOS Operational Amplifier | | **Channels** | Dual (2 Amplifiers per chip) | | **Supply Voltage Range** | 2.7 V to 5.5 V (Single Supply) | | **Gain Bandwidth Product** | ~5 MHz | | **Slew Rate** | 4 V/µs | | **Input Offset Voltage** | 1.0 mV (Maximum) | | **Quiescent Current** | 480 µA per amplifier | | **Package Type** | MSOP-8 (ARM prefix indicates MSOP) | --- ### ## Key Features & Functionality 1. **Rail-to-Rail Output:** The output can swing almost to the full potential of the positive and negative supply rails, maximizing the dynamic range of the signal. 2. **Low Power Consumption:** With less than 1mA of current draw for both amplifiers, it is ideal for battery-powered or portable medical devices. 3. **Low Noise and Distortion:** It provides high fidelity for sensor signal conditioning and data acquisition systems. 4. **High Input Impedance:** Being a CMOS-based amplifier, it has extremely low input bias current, making it suitable for high-impedance sensor interfaces. --- ### ## Pin Configuration (MSOP-8) Below is a representation of the pinout for the dual-channel configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT A | Output of the first amplifier | | 2 | -INPUT A | Inverting input of the first amplifier | | 3 | +INPUT A | Non-inverting input of the first amplifier | | 4 | V- | Negative supply or Ground | | 5 | +INPUT B | Non-inverting input of the second amplifier | | 6 | -INPUT B | Inverting input of the second amplifier | | 7 | OUTPUT B | Output of the second amplifier | | 8 | V+ | Positive supply voltage | --- ### ## Common Applications * **Medical Instrumentation:** Used in portable ECG/EKG monitors. * **Sensor Interfacing:** Photodiode amplifiers or strain gauge signal conditioning. * **Audio Pre-amplification:** Low-power portable audio devices. * **Active Filters:** Precision low-pass or high-pass filter circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and REEL7 suffixes in AD8632 part numbers?
    • ⤷ How does the rail-to-rail feature benefit battery-operated designs?
    • ⤷ Can the AD8632 be used with a dual +/- 2.5V power supply?