AD8676BRMZ-R2
AI

## Overview of AD8676BRMZ-R2
The **AD8676BRMZ-R2** is a high-precision, dual-channel, rail-to-rail output operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is part of a series known for ultra-low offset voltage, low noise, and low input bias current, making it ideal for precision instrumentation and professional audio applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | Dual (2) |
| **Supply Voltage (Max)** | ±18 V or 36 V |
| **Offset Voltage (Max)** | 50 μV |
| **Noise Density** | 2.8 nV/√Hz @ 1 kHz |
| **Gain Bandwidth Product** | 10 MHz |
| **Slew Rate** | 2.5 V/μs |
| **Package Type** | 8-Lead MSOP (Micro Small Outline Package) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Core Functional Features
* **Ultra-Low Noise:** With a noise density of only 2.8 nV/√Hz, this part is designed for high-fidelity signal conditioning where maintaining signal integrity is critical.
* **Precision Accuracy:** The extremely low offset voltage (50 μV) and low drift ensure that DC errors are minimized over temperature changes.
* **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing the dynamic range of the system.
* **Low Input Bias Current:** It utilizes a bipolar input stage that is compensated to achieve very low bias currents, reducing errors in high-impedance circuits.
---
### 3. Pin Configuration (MSOP-8)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **OUT A** | Output of Amplifier A |
| 2 | **-IN A** | Inverting Input of Amplifier A |
| 3 | **+IN A** | Non-inverting Input of Amplifier A |
| 4 | **V-** | Negative Power Supply |
| 5 | **+IN B** | Non-inverting Input of Amplifier B |
| 6 | **-IN B** | Inverting Input of Amplifier B |
| 7 | **OUT B** | Output of Amplifier B |
| 8 | **V+** | Positive Power Supply |
---
### 4. Typical Applications
* **Precision Filters:** Used in active filter designs where low noise and high linearity are required.
* **Medical Instrumentation:** Ideal for ECG/EKG and EEG monitors due to its low noise floor.
* **Photodiode Amplifiers:** Used to convert low-level currents from sensors into measurable voltages.
* **Data Acquisition:** Acts as a buffer or gain stage for high-resolution Analog-to-Digital Converters (ADCs).
---
### 5. Part Number Breakdown: `AD8676BRMZ-R2`
* **AD8676:** The base model number.
* **B:** Grade (indicates performance specifications like offset voltage).
* **RM:** Package type (MSOP).
* **Z:** RoHS compliant/Lead-free.
* **R2:** Packaging suffix (usually refers to a small 7-inch reel containing 250 units).
- ⤷
What are the differences between the AD8676 and the single-channel version AD8675?
- ⤷ How does the temperature drift of this Op-Amp affect precision sensor circuits?
- ⤷ Can this Op-Amp be used with a single-supply voltage instead of a dual-supply?