Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD9577BCPZ-R7

  • AI
    ## Technical Overview: AD9577BCPZ-R7 The **AD9577BCPZ-R7** is a highly integrated, low-jitter clock generator manufactured by Analog Devices. It is designed to provide high-performance timing solutions for networking, storage, and communication applications by generating multiple independent output frequencies from a single reference source. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Clock Generator / Frequency Synthesizer | | **Input Frequency** | 25 MHz (Crystal or External Clock) | | **Number of Outputs** | 5 Independent Outputs | | **Output Types** | LVPECL, LVDS, and CMOS | | **Jitter Performance** | < 0.5 ps RMS (12 kHz to 20 MHz) | | **Supply Voltage** | 3.3V Nominal | | **Package** | 40-Lead LFCSP (6mm x 6mm) | --- ### 2. Core Functional Blocks The internal architecture of the AD9577 is centered around two primary Phase-Locked Loops (PLLs) and fractional-N dividers: * **Dual Fractional-N PLLs:** The chip contains two independent fractional-N synthesizers. This allows the device to generate unrelated frequencies simultaneously (e.g., Ethernet and Fibre Channel clocks) from a single 25 MHz reference. * **Integrated VCOs:** High-quality Voltage Controlled Oscillators are integrated on-chip, reducing the need for external components and simplifying PCB layout. * **Flexible Dividers:** Each output channel features programmable dividers that allow for fine-tuning of output frequencies. * **Output Drivers:** The device supports multiple signaling standards, making it compatible with various logic families (LVDS for low power/low noise, LVPECL for high speed). --- ### 3. Pin Configuration and I/O The device uses a **40-pin LFCSP** package. Significant pin groups include: 1. **REF_IN / XTAL:** Connections for the 25 MHz crystal or an external reference clock. 2. **OUT0 - OUT4:** The differential or single-ended clock outputs. 3. **I2C/SMBus Interface:** Used for programming the internal registers to define frequencies and output formats. 4. **VDD / GND:** Power supply pins for the analog and digital cores. --- ### 4. Application Areas The AD9577 is commonly used in hardware environments where multiple precise timing signals are required: * **Data Center Networking:** Generating 10G/40G/100G Ethernet clocks. * **Storage Area Networks (SAN):** Providing clocks for Fibre Channel and SAS/SATA interfaces. * **PCI Express:** Providing stable reference clocks for PCIe Gen1/2/3. * **FPGA Clocking:** Acting as a "clock tree on a chip" for complex FPGA-based systems. --- ### 5. Programming Example (Register Concept) To configure the device, a controller typically sends data via I2C. Below is a conceptual representation of how a configuration might be structured in a control script: ```python # Conceptual I2C write for AD9577 Configuration # Address: 0x... (Refer to datasheet for specific device ID) def configure_ad9577(i2c_bus, address): # Set PLL1 Multiplier i2c_bus.write_byte_data(address, 0x01, 0x4B) # Enable LVDS on Output 0 i2c_bus.write_byte_data(address, 0x10, 0x02) # Set Output Divider for Channel 0 i2c_bus.write_byte_data(address, 0x15, 0x08) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD9577 and the AD9576 model?
    • ⤷ How do you calculate the output frequency based on the fractional-N divider settings?
    • ⤷ What are the specific decoupling capacitor requirements for the 3.3V supply pins?