Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AD9873JS

  • AI
    ## Overview of the AD9873JS The **AD9873JS** is a highly integrated **Broadband Mixed-Signal Front End (MxFE)** IC designed by Analog Devices. It is specifically engineered for broadband communication applications, such as cable modems (DOCSIS), satellite terminals, and wireless local loops. ### Key Functional Blocks The device integrates high-speed data converters with digital signal processing to handle both transmit (Tx) and receive (Rx) paths. | Component | Functionality | Key Specifications | | :--- | :--- | :--- | | **Transmit (Tx) Path** | Converts digital data to analog for transmission. | 12-bit DAC, 232 MSPS | | **Receive (Rx) Path** | Converts analog signals to digital for processing. | Dual 10-bit ADCs, 33 MSPS | | **Interpolation Filter** | Increases the sampling rate of the Tx signal. | 2x, 4x, or 8x options | | **PLL & Clocking** | Manages internal timing and frequency synthesis. | Integrated programmable PLL | | **Auxiliary ADCs** | Monitors system parameters like temperature or signal strength. | 10-bit resolution | --- ### Technical Specifications The AD9873JS is characterized by its ability to manage high-frequency signals with low power consumption. * **DAC Resolution:** 12-Bit. * **ADC Resolution:** Dual 10-Bit. * **Sampling Rate:** Up to 232 MHz (Tx) / 33 MHz (Rx). * **Package Type:** 100-lead MQFP (Metric Quad Flat Pack). * **Supply Voltage:** 3.0V to 3.6V. * **Interface:** Parallel data interface for high-speed throughput. --- ### Internal Architecture Features The "JS" suffix typically refers to the package type and temperature range. Below are the core electronic characteristics of the internal circuitry: 1. **Direct Digital Synthesis (DDS):** The device includes a digital modulator that allows for precise frequency control of the output signal. 2. **Programmable Gain Amplifiers (PGA):** The receive path features PGAs to optimize the signal-to-noise ratio (SNR) based on the incoming signal strength. 3. **Low-Pass Filters:** Integrated filters help in suppressing image frequencies and noise during the D/A conversion process. 4. **Power Management:** It features various "Power-Down" modes to reduce consumption in battery-operated or green-energy applications. ### Applications * **Cable Modems:** Used in the upstream and downstream signal processing. * **Set-Top Boxes:** Handling high-speed data for interactive television. * **Data Links:** High-speed digital communication links requiring robust mixed-signal conversion. --- ### Typical Pin Configuration Code Snippet *Note: This is a conceptual representation of how the control registers might be addressed in a C-based embedded system.* ```c // Define AD9873 Register Addresses #define AD9873_CONTROL_REG 0x00 #define AD9873_PLL_REG 0x01 #define AD9873_TX_GAIN 0x05 void init_ad9873() { // Enable PLL and set 4x Interpolation write_to_ad9873(AD9873_PLL_REG, 0x42); // Set Transmit Gain to nominal value write_to_ad9873(AD9873_TX_GAIN, 0xFF); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD9873 and the AD9874?
    • ⤷ How does the interpolation filter improve the signal quality in the Tx path?
    • ⤷ What are the thermal considerations for the 100-lead MQFP package?