ADA4051-2ACPZ-R2
AI

## ADA4051-2ACPZ-R2: Component Overview
The **ADA4051-2ACPZ-R2** is a high-precision, ultralow power, zero-drift operational amplifier manufactured by **Analog Devices**. It is specifically designed for applications requiring high DC accuracy and very low power consumption, such as battery-powered medical instrumentation and remote sensors.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual Op-Amp) |
| **Supply Voltage Range** | 1.8 V to 5.5 V |
| **Supply Current** | 13 μA per amplifier (Typical) |
| **Offset Voltage (Max)** | 15 μV |
| **Offset Drift (Max)** | 0.05 μV/°C |
| **Gain Bandwidth Product** | 125 kHz |
| **Output Type** | Rail-to-Rail Input/Output (RRIO) |
| **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) |
---
### 2. Core Functional Features
* **Zero-Drift Technology:** This part utilizes a "chopper-stabilized" architecture. It internally corrects its own offset voltage continuously, which virtually eliminates offset drift over time and temperature.
* **Ultralow Power Consumption:** At only 13 μA per channel, it is ideal for "always-on" monitoring systems where battery life is critical.
* **Rail-to-Rail Input/Output:** It can handle input and output signals that span the full range of the power supply voltages, maximizing dynamic range in low-voltage systems.
* **High Common-Mode Rejection (CMRR):** Typically 110 dB, ensuring that noise common to both input leads is effectively suppressed.
---
### 3. Part Number Breakdown
Understanding the suffix helps in procurement and PCB design:
* **ADA4051-2:** The base model and number of amplifiers (2).
* **ACPZ:** Indicates the package type (LFCSP) and that it is Lead-Free (RoHS compliant).
* **R2:** Indicates the packaging format (7-inch reel, 250 units).
---
### 4. Typical Applications
1. **Pressure and Temperature Sensors:** Where microvolt-level signals must be amplified without adding offset errors.
2. **Medical Monitors:** Portable EKG or glucose meters where power efficiency and accuracy are paramount.
3. **Battery Current Shunt Sensing:** Measuring very small voltages across a resistor to track battery discharge.
---
### 5. Schematic Symbol & Pinout (LFCSP-8)
While the physical package is a small 2x2mm square, the functional pins follow a standard dual op-amp layout:
```text
LFCSP-8 Top View
+-------------------+
| 1 OUT A 8 V+ |
| 2 -IN A 7 OUT B|
| 3 +IN A 6 -IN B|
| 4 V- 5 +IN B|
+-------------------+
(Thermal Pad on bottom)
```
- ⤷
How does the 'chopper-stabilized' architecture affect the noise profile of this op-amp?
- ⤷ What are the PCB layout considerations for the LFCSP thermal pad?
- ⤷ How does this model compare to the ADA4528 in terms of power vs. precision?