Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4062-2ACPZ-R7

  • AI
    ## Technical Overview of ADA4062-2ACPZ-R7 The **ADA4062-2ACPZ-R7** is a high-performance, dual-channel, JFET-input operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for applications requiring low power consumption and high input impedance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET (High Impedance) | | **Supply Voltage (Range)** | ±4.0V to ±15V (or 8V to 30V single) | | **Supply Current** | ~165 µA per amplifier | | **Bandwidth (GBP)** | 1.4 MHz | | **Slew Rate** | 3.3 V/µs | | **Input Bias Current** | 2 pA (Typical) | | **Package / Case** | LFCSP-8 (3mm x 3mm) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Features & Benefits * **Low Power Consumption:** With only 165 µA per channel, it is ideal for battery-powered or portable medical devices. * **Low Input Bias Current:** The JFET input stage ensures picoamp-level bias current, making it perfect for photodiode preamps or high-impedance sensors. * **Small Footprint:** The "ACPZ" designation refers to the Lead Frame Chip Scale Package (LFCSP), which is extremely compact (3x3 mm), saving PCB real estate. * **Fast Settling Time:** Despite the low power, it offers a respectable slew rate, suitable for basic signal conditioning. --- ### 3. Pinout and Internal Structure The ADA4062-2 typically follows the standard dual op-amp configuration within its 8-pin package: 1. **OUT A:** Output of first op-amp. 2. **-IN A:** Inverting input of first op-amp. 3. **+IN A:** Non-inverting input of first op-amp. 4. **V-:** Negative power supply (or Ground). 5. **+IN B:** Non-inverting input of second op-amp. 6. **-IN B:** Inverting input of second op-amp. 7. **OUT B:** Output of second op-amp. 8. **V+:** Positive power supply. --- ### 4. Common Applications * **Precision Photodiode Preamps:** Utilizing the low bias current to convert light to voltage. * **Portable Instrumentation:** Handheld multimeters or diagnostic tools. * **Active Filters:** Low-pass or high-pass filters where power efficiency is a priority. * **Level Shifting:** Adjusting signal ranges for Microcontroller ADCs. --- ### 5. Part Number Breakdown ```text ADA4062 - 2 A CP Z - R7 | | | | | | | | | | | +-- Tape and Reel (7-inch) | | | | +------ RoHS Compliant (Lead Free) | | | +---------- Package (LFCSP) | | +------------- Temperature Grade (-40°C to +125°C) | +---------------- Dual Channel +------------------------ Product Series ```
    ✨ Follow-up Questions
    • ⤷How does the ADA4062 compare to the TL082 in terms of power consumption?
    • ⤷ What are the specific soldering requirements for the LFCSP package?
    • ⤷ Can the ADA4062-2 be used with a single 5V power supply?