ADA4075-2ACPZ-R7
AI

The **ADA4075-2ACPZ-R7** is a high-performance, dual-channel, ultra-low noise operational amplifier (op-amp) manufactured by Analog Devices. It is specifically engineered for high-fidelity audio applications and precision instrumentation where signal integrity is critical.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the ADA4075-2:
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Voltage Noise Density** | 2.8 nV/√Hz @ 1 kHz |
| **Total Harmonic Distortion (THD+N)** | 0.0002% (typical) |
| **Gain Bandwidth Product** | 6.5 MHz |
| **Slew Rate** | 12 V/µs |
| **Supply Voltage Range** | ±4.5 V to ±18 V |
| **Input Offset Voltage** | 150 µV (max) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Characteristics and Packaging
The suffix **"ACPZ-R7"** provides specific information regarding the physical format and delivery:
* **Package Type:** LFCSP (Lead Frame Chip Scale Package).
* **Pin Count:** 8-lead.
* **Dimensions:** Approximately 3mm x 3mm (very small footprint).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **R7 Packaging:** Indicates a 7-inch reel containing 1,500 units for automated assembly.
---
### 3. Core Functional Advantages
1. **Audio Excellence:** With a THD+N of 0.0002%, this part is ideal for high-end preamplifiers and professional audio mixing consoles where "colorless" amplification is required.
2. **Low Power/High Performance:** It balances a relatively low quiescent current (approx. 1.8 mA per amplifier) with high speed and low noise.
3. **Precision Accuracy:** The low offset voltage and high common-mode rejection ratio (CMRR) make it suitable for precision sensor interfaces, not just audio.
---
### 4. Typical Applications
* **Professional Audio:** Line stages, microphones preamps, and active filters.
* **Precision Data Acquisition:** Driving high-resolution Analog-to-Digital Converters (ADCs).
* **Medical Instrumentation:** Low-noise signal conditioning for patient monitoring.
* **Sensor Interfaces:** Amplifying small signals from strain gauges or thermopiles.
---
### 5. Pin Configuration (Internal)
```text
ADA4075-2 (LFCSP)
+---------------------+
OUT A | 1 8 | V+
-IN A | 2 (PAD) 7 | OUT B
+IN A | 3 6 | -IN B
V- | 4 5 | +IN B
+---------------------+
(Note: Exposed Pad should be connected to V-)
```
- ⤷
How does the ADA4075-2 compare to the industry-standard OPA2134 for audio applications?
- ⤷ What are the layout considerations for the LFCSP package to ensure thermal stability?
- ⤷ Can this op-amp be used with a single-supply power configuration?