AI

## Overview of the ADA4091-4ACPZ-R7
The **ADA4091-4ACPZ-R7** is a precision, micropower, quad-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring high accuracy and low power consumption, particularly in industrial and battery-powered environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Channels** | Quad (4 Amplifiers) |
| **Supply Voltage Range** | 3.0V to 36V (Single) or ±1.5V to ±18V (Dual) |
| **Input Offset Voltage** | 250 µV (Maximum) |
| **Low Quiescent Current** | 200 µA per amplifier |
| **Bandwidth** | 1.27 MHz |
| **Slew Rate** | 0.46 V/µs |
| **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) |
---
### 2. Specialized Electronic Features
* **Overvoltage Protection (OVP):** One of the most critical features is its ability to handle input voltages up to **32V above or below** the supply rails. This makes it highly robust against electrical transients without needing external protection diodes.
* **Rail-to-Rail Output:** It allows the output signal to swing very close to the supply voltages, maximizing the dynamic range.
* **Micropower Consumption:** Consuming only 200 µA per channel, it is ideal for portable instruments and remote sensors where battery life is a priority.
* **High Precision:** The low offset voltage and high CMRR (Common Mode Rejection Ratio) ensure that small signals are amplified accurately even in the presence of noise.
---
### 3. Pinout and Internal Logic
The ADA4091-4 typically utilizes a standard quad op-amp configuration within its 16-lead LFCSP package.
```text
Pin Logic (Simplified):
+V_SY : Positive Supply
-V_SY : Negative Supply (or Ground)
IN+ (A, B, C, D) : Non-inverting Inputs
IN- (A, B, C, D) : Inverting Inputs
OUT (A, B, C, D) : Amplifier Outputs
```
---
### 4. Typical Applications
* **Industrial Process Control:** Used in PLC (Programmable Logic Controller) analog input modules.
* **Battery Monitoring:** Ideal for measuring voltage and current in high-voltage battery stacks.
* **Sensor Interfaces:** Amplifying signals from thermocouples, RTDs, and pressure sensors.
* **Portable Medical Instrumentation:** Devices requiring precision and low power usage.
---
- ⤷What is the difference between the ADA4091-4 and the ADA4096-4?
- ⤷ Can this op-amp operate on a single 5V power supply?
- ⤷ What are the thermal considerations for the 16-Lead LFCSP package?