Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4254ARUZ-R7

  • AI
    ## Overview of the ADA4254ARUZ-R7 The **ADA4254ARUZ-R7** is a high-voltage, low-power, next-generation instrumentation amplifier designed by Analog Devices. It is specifically engineered for precision industrial applications, such as data acquisition systems (DAQ) and programmable logic controllers (PLCs). ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift, High Voltage Instrumentation Amplifier | | **Gain Range** | 1/16 V/V to 128 V/V (Binary steps) | | **Input Voltage Range** | Up to ±28V (on ±30V supplies) | | **Common-Mode Rejection** | 120 dB (minimum at higher gains) | | **Supply Voltage** | Up to ±30V (Dual) or 60V (Single) | | **Package** | 28-lead TSSOP (Thin Shrink Small Outline Package) | | **Interface** | SPI-compatible for gain and diagnostic control | --- ### Core Electronic Components & Features #### 1. Programmable Gain Amplifier (PGA) The device features a highly integrated PGA. Unlike traditional amplifiers where you must calculate external resistor values, the ADA4254 allows you to set the gain digitally via an SPI interface. * **Precision Resistor Network:** Internal matched resistors ensure extremely low gain error and minimal temperature drift. * **Binary Scaling:** Gains are stepped in powers of two (e.g., 1, 2, 4, 8...), providing flexibility for various sensor inputs. #### 2. High-Voltage Input Protection One of the standout electronic features is its robust front-end. It is designed to handle industrial "overvoltage" conditions without external protection components. * **Integrated Mux:** It includes a primary input and an auxiliary input, allowing for system self-calibration or multi-channel monitoring. * **Input Range:** It can sense voltages very close to the supply rails, even when operating at high voltages. #### 3. Zero-Drift Technology The internal architecture utilizes a "chopper-stabilized" or zero-drift topology. * **Offset Voltage:** It maintains an incredibly low offset voltage (typically in the microvolt range). * **Stability:** This ensures that the measurement does not "drift" as the industrial equipment heats up, eliminating the need for frequent recalibration. #### 4. Digital Interface and Diagnostics The "ARUZ-R7" suffix refers to the package and tape-and-reel format, but electronically, the SPI interface is the brain of the chip. * **Fault Detection:** It can detect open-wire conditions, short circuits, and over-temperature events. * **7-bit Checksum (CRC):** Ensures digital communication integrity in electrically noisy industrial environments. --- ### Typical Application Circuit The ADA4254 is usually placed between a high-voltage sensor (like a strain gauge or thermocouple) and a high-resolution Analog-to-Digital Converter (ADC). ```mermaid graph LR Sensor[High-V Sensor] --> ADA4254[ADA4254 Instrumentation Amp] MCU[Microcontroller] -- SPI Control --> ADA4254 ADA4254 --> ADC[24-bit Sigma-Delta ADC] ADC --> MCU ```
    ✨ Follow-up Questions
    • ⤷ How does the SPI interface handle gain switching latency?
    • ⤷ What are the power consumption benefits of using the ADA4254 compared to discrete solutions?
    • ⤷ Can the ADA4254 operate on a single-ended power supply?