Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4303-2ACPZ-R2

  • AI
    ## Technical Overview of the ADA4303-2ACPZ-R2 The **ADA4303-2ACPZ-R2** is a high-performance, low-cost **Active Splitter** designed for use in applications that require the distribution of RF signals, specifically in cable television (CATV) and broadband systems. It is manufactured by Analog Devices. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Active RF Splitter (1:2) | | **Frequency Range** | 54 MHz to 865 MHz | | **Gain** | 3.5 dB (Typical) | | **Noise Figure** | 4.0 dB | | **Output Impedance** | 75 $\Omega$ (Optimized for CATV) | | **Supply Voltage** | 3.3 V to 5.0 V | | **Package** | 12-Lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Description The ADA4303-2 acts as a single-input to dual-output (1:2) amplifier. Unlike passive splitters, which incur a signal loss (typically -3 dB to -4 dB), this **active** part provides a small amount of gain, compensating for distribution losses and maintaining signal integrity. #### Core Features: * **Integrated Input/Output Match:** It provides a 75 $\Omega$ match, eliminating the need for complex external tuning components. * **Low Distortion:** It is designed to handle multi-channel environments with very low composite second-order (CSO) and composite triple beat (CTB) distortion. * **Single-Supply Operation:** It runs on a single voltage rail, simplifying power management in consumer electronics. --- ### 3. Pin Configuration and Applications #### Typical Applications * Set-Top Boxes (STBs) * Cable Modems * Digital Televisions (DTV) * Home Gateways #### Pinout Highlights The device is housed in a compact **LFCSP** package with an exposed pad for thermal management and grounding. ```text Pin 1: VCC (Power Supply) Pin 4: RF_IN (Signal Input) Pin 7: RF_OUT1 (Output 1) Pin 10: RF_OUT2 (Output 2) EPAD: Ground (Thermal Slug) ``` --- ### 4. Implementation Considerations When designing a PCB for the ADA4303-2, engineers must focus on: 1. **Impedance Control:** Ensure all RF traces are designed for 75 $\Omega$ characteristic impedance. 2. **Decoupling:** Place bypass capacitors (typically 100pF and 0.1µF) as close to the VCC pins as possible to filter out noise. 3. **Thermal Grounding:** The exposed pad must be soldered to the PCB ground plane to dissipate heat and provide a low-inductance path to ground.
    ✨ Follow-up Questions
    • ⤷ How does the noise figure of the ADA4303-2 compare to a passive splitter?
    • ⤷ What are the specific power consumption requirements for this part at 3.3V?
    • ⤷ Can this chip be used for satellite frequencies above 1 GHz?