ADA4304-2ACPZ-R2
AI

## Technical Overview: ADA4304-2ACPZ-R2
The **ADA4304-2ACPZ-R2** is a high-performance, active silicon splitter designed specifically for high-definition and standard-definition television applications. Manufactured by Analog Devices, it is primarily used to distribute a single RF input signal to multiple outputs with minimal degradation.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Function** | 1:2 Active RF Splitter |
| **Frequency Range** | 50 MHz to 1000 MHz |
| **Gain** | 3.5 dB (Typical) |
| **Noise Figure** | 4.5 dB |
| **Operating Voltage** | +5V Single Supply |
| **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) |
| **Output Impedance** | 75 $\Omega$ (Optimized for Cable/TV) |
| **Distortion (CSO/CTB)** | Low composite second-order/triple-beat distortion |
---
### 2. Core Features and Benefits
* **Active Splitting:** Unlike passive splitters that lose signal strength (typically -3 to -4 dB per split), this active splitter provides a small amount of gain, ensuring the signal strength remains constant or slightly improved across outputs.
* **High Linearity:** It is designed to handle complex modulation schemes without introducing significant noise or interference (low distortion).
* **Integrated Design:** Replaces bulky discrete solutions involving multiple amplifiers and passive components, saving significant PCB real estate.
* **Single-Supply Operation:** Simplifies power management by requiring only a +5V rail.
---
### 3. Pin Configuration and Internal Logic
The ADA4304-2 uses a differential input structure to manage the RF signal. Below is a simplified representation of the internal signal flow:
1. **Input Stage:** Receives the RF signal (50MHz - 1GHz).
2. **Amplification:** A low-noise amplifier (LNA) stage boosts the signal to compensate for splitting losses.
3. **Output Stage:** The signal is split into two independent 75 $\Omega$ outputs.
```text
[ RF IN ]
|
[ Low Noise Amp ]
/ \
[ Output 1 ] [ Output 2 ]
(75 Ohm) (75 Ohm)
```
---
### 4. Common Applications
* **Cable Set-Top Boxes:** Distributing a cable signal to multiple tuners within the same box.
* **Digital TVs:** Managing multi-tuner inputs for "Picture-in-Picture" or background recording.
* **Home Gateways:** Splitting incoming broadband signals for data and video.
* **Signal Distribution Units:** Small-scale RF distribution in residential or commercial buildings.
- ⤷
What are the main differences between the ADA4304-2 and the ADA4304-3 or -4 versions?
- ⤷ How does the 75 Ohm impedance matching affect PCB layout design?
- ⤷ What specific filtering is recommended for the +5V power supply pin?