Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4350ARUZ-R7

  • AI
    ## Overview of the ADA4350ARUZ-R7 The **ADA4350ARUZ-R7** is a high-performance Analog Front-End (AFE) developed by Analog Devices. It is specifically designed for transimpedance applications, integrating a FET-input amplifier, a switching network, and an output driver into a single package. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Analog Front End (AFE) with integrated FET Op-Amp | | **Input Bias Current** | 0.25 pA (Typical) | | **Bandwidth** | 175 MHz | | **Slew Rate** | 240 V/µs | | **Supply Voltage Range** | Dual (±5V to ±15V) or Single (10V to 30V) | | **Package Type** | 28-Lead TSSOP | | **Mounting Type** | Surface Mount (SMD) | --- ### Internal Architecture and Components The device is unique because it combines several critical electronic stages that are usually handled by discrete components: 1. **Low Bias Current FET Input:** The integrated FET-input operational amplifier is optimized for very low input bias currents. This makes it ideal for measuring ultra-low currents (picoamps) from sensors like photodiodes. 2. **Integrated Feedback Network Control:** The ADA4350 includes internal switches that allow the user to select different feedback resistors and capacitors. This enables **programmable gain**, allowing the system to adjust dynamically to the signal strength without external mechanical relays. 3. **Output Driver:** It features a dedicated output stage capable of driving Analog-to-Digital Converters (ADCs) directly, ensuring signal integrity is maintained from the sensor to the digital conversion stage. --- ### Typical Application Use Cases * **Chemical Analysis:** Used in mass spectrometry and chromatography where precise current measurement is required. * **Medical Instrumentation:** High-precision laboratory equipment and diagnostic tools. * **Precision Photodiode Preamplification:** Converting light-induced current into a measurable voltage. * **Data Acquisition Systems:** Acting as the interface between high-impedance sensors and low-impedance ADCs. --- ### Pin Configuration Highlights | Pin Range | Function | Description | | :--- | :--- | :--- | | **1 - 4** | GAIN_SEL | Digital pins used to select the gain configuration. | | **INPUT** | Inverting Input | The primary node for the sensor signal. | | **OUTPUT** | Output Signal | High-speed buffered output for the ADC. | | **VCC/VEE** | Power Supply | Positive and Negative voltage rails. | ---
    ✨ Follow-up Questions
    • ⤷ How does the programmable gain feature in the ADA4350 improve dynamic range?
    • ⤷ What are the advantages of using an integrated FET-input AFE over discrete op-amp designs?
    • ⤷ Which ADCs are most compatible with the output driver of the ADA4350?