ADA4431-1YCPZ-R2
AI

## Technical Overview: ADA4431-1YCPZ-R2
The **ADA4431-1YCPZ-R2** is a high-performance, single-channel, integrated video filter designed specifically for high-definition (HD) and standard-definition (SD) video applications. It is manufactured by **Analog Devices**.
---
### 1. Key Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Part Number** | ADA4431-1YCPZ-R2 |
| **Type** | Video Filter / Buffer |
| **Channels** | Single (1 Channel) |
| **Supply Voltage** | 2.5V to 3.6V (Single Supply) |
| **Bandwidth (-3dB)** | 40 MHz (Standard High Definition) |
| **Quiescent Current** | ~4.7 mA (Low Power) |
| **Package** | 8-Lead LFCSP (3mm x 3mm) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Core Functional Components
The internal architecture of this IC consists of several critical electronic stages:
1. **Input Buffers/Clamps:** Includes an integrated SAG correction and a DC-restore circuit. It allows for both AC and DC-coupled inputs.
2. **6th-Order Low-Pass Filter (LPF):** The heart of the chip. It features a 5th or 6th-order Butterworth-like response to provide steep roll-off, removing high-frequency noise and aliasing artifacts from video signals.
3. **Output Driver:** A high-current driver capable of driving a standard 150 $\Omega$ video load (75 $\Omega$ source and 75 $\Omega$ termination) to ground.
4. **Charge Pump:** Integrated onboard to allow the output to swing below ground, enabling DC-coupled output without a large output capacitor.
---
### 3. Key Electronic Features
* **Integrated Charge Pump:** Eliminates the need for large, expensive AC-coupling capacitors at the output, saving PCB space and improving low-frequency response (tilting).
* **Low Power Consumption:** Optimized for portable devices (mobile phones, digital cameras) with a dedicated power-down mode (typically < 10 $\mu$A in standby).
* **Rail-to-Rail Output:** Provides maximum dynamic range even at low supply voltages.
* **Short-Circuit Protection:** Protects the device from damage if the output is accidentally shorted to the supply or ground.
---
### 4. Typical Application Circuit
When designing with the ADA4431, the typical signal path follows this logic:
```c
[Video Source (SoC/DAC)] --> [AC-Coupling Cap] --> [ADA4431 Input]
|
[Internal Filter/Buffer]
|
[Video Out (Connector)] <-- [75 Ohm Resistor] <-- [ADA4431 Output]
```
---
### 5. Common Use Cases
* **Portable Media Players:** Video out for handheld devices.
* **Digital Still Cameras (DSC):** Processing TV-out signals.
* **Set-Top Boxes:** Filtering CVBS or SD/ED video signals.
* **In-Car Infotainment:** Driving displays in automotive environments.
- ⤷
What is the difference between AC-coupled and DC-coupled output modes for this chip?
- ⤷ How does the integrated charge pump help in reducing PCB footprint?
- ⤷ Can this IC handle 1080p HD signals
- ⤷ or is it limited to 720p/480p?