ADA4432-1BCPZ-R7
AI

## Overview of the ADA4432-1BCPZ-R7
The **ADA4432-1BCPZ-R7** is a high-performance, single-channel, sixth-order low-pass filter integrated with a video amplifier. It is primarily designed to serve as a reconstruction filter for standard definition (SD) video signals.
Manufactured by **Analog Devices (ADI)**, this part is optimized for low power consumption and high integration in portable electronics.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Video Filter / Reconstruction Filter |
| **Filter Order** | 6th Order Low-Pass |
| **Cutoff Frequency (-3 dB)** | 8 MHz (Standard Definition) |
| **Voltage Supply Range** | 2.6 V to 3.6 V (Single Supply) |
| **Operating Current** | ~7.6 mA (Typical) |
| **Package Type** | 8-Lead LFCSP (2mm x 2mm) |
| **Mounting Type** | Surface Mount (SMD) |
| **Output Type** | Rail-to-Rail |
---
### Core Electronic Characteristics
#### 1. Signal Conditioning
The device acts as a **Reconstruction Filter**. In digital-to-analog conversion (DAC) processes, "images" or aliasing noise appear at high frequencies. This 6th-order filter sharply cuts off frequencies above 8 MHz to ensure a clean analog video signal.
#### 2. Sag Correction
One of the distinct electronic features of this part is the **SAG correction** capability. This allows the use of smaller AC-coupling capacitors on the output while maintaining low-frequency response, which saves board space in compact devices like smartphones or cameras.
#### 3. Power Management
The ADA4432-1 includes a **Power-Down (Disable) pin**. When the video function is not in use, the chip can be put into a low-power state to extend battery life in portable applications.
---
### Typical Application Circuit
The following block represents the typical signal flow:
```mermaid
graph LR
A[Video DAC] --> B[ADA4432-1 Filter]
B --> C[AC Coupling / SAG Correction]
C --> D[Video Output / Connector]
```
### Common Use Cases
* **Portable Media Players:** Ensuring high-quality video output to external screens.
* **Digital Still Cameras (DSC):** Filtering the analog output signal for TV-out functions.
* **Set-Top Boxes:** Processing SD video signals for consumer electronics.
* **Automotive Infotainment:** Handling rear-view camera or entertainment signals.
---
### Packaging and Handling
The **"BCPZ-R7"** suffix indicates:
* **BCP:** Lead Frame Chip Scale Package (LFCSP).
* **Z:** RoHS compliant (Lead-free).
* **R7:** 7-inch reel (standard tape and reel packaging for automated assembly).
- ⤷
How does the SAG correction feature reduce the size of output capacitors?
- ⤷ What are the advantages of a 6th-order filter over a lower-order filter in video applications?
- ⤷ Can the ADA4432-1 be used for High Definition (HD) video signals?