Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4500-2ACPZ-R7

  • AI
    The **ADA4500-2ACPZ-R7** is a high-precision, dual-channel operational amplifier manufactured by Analog Devices. It is particularly known for its **Rail-to-Rail Input and Output (RRIO)** capabilities and its unique input stage architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Amplifiers) | | **Supply Voltage** | 2.7V to 5.5V | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 5.5 V/µs | | **Offset Voltage (Max)** | 120 µV | | **Input Bias Current** | 2 pA (Typical) | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | --- ### 2. Core Electronic Features #### A. Zero Crossover Distortion Most rail-to-rail input amplifiers use two differential pairs (NPN and PNP). When the input signal moves from one pair to the other, "crossover distortion" occurs. The ADA4500-2 uses an **internal charge pump** to power the input stage, allowing a single differential pair to handle the entire input range. This results in: * Superior linearity. * High Common-Mode Rejection Ratio (CMRR) across the entire voltage range. #### B. Precision Performance With a very low offset voltage (max 120 µV) and minimal drift, this part is ideal for applications where DC accuracy is critical. The low input bias current (2 pA) makes it suitable for high-impedance sensors. #### C. Low Power Consumption Despite the 10 MHz bandwidth, the device consumes approximately **1.55 mA per amplifier**, making it efficient for battery-powered industrial or medical instrumentation. --- ### 3. Pinout and Packaging Details (LFCSP-8) The "ACPZ" in the part number indicates the **LFCSP** package, which is a small-footprint (2mm x 2mm or 3mm x 3mm), thermally efficient surface-mount package. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Supply / Ground | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Supply | --- ### 4. Typical Applications * **Sensor Conditioning:** Interfacing with pressure sensors, strain gauges, and thermistors. * **ADC Drivers:** Providing a clean, low-distortion signal to Analog-to-Digital Converters. * **Medical Instrumentation:** Used in portable ECG or glucose monitors due to low power and high precision. * **Current Sensing:** Low-side or high-side current monitoring in power management systems.
    ✨ Follow-up Questions
    • ⤷How does the integrated charge pump affect the noise profile of the ADA4500-2?
    • ⤷ What are the primary differences between the LFCSP and MSOP package versions of this chip?
    • ⤷ Can this op-amp be used in a single-supply configuration for automotive 5V systems?