AI

## ADA4528-2ACPZ-R7: Technical Overview
The **ADA4528-2ACPZ-R7** is a high-precision, ultra-low noise, zero-drift operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is designed specifically for applications requiring high accuracy over a wide temperature range without the need for manual calibration.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Architecture** | Zero-Drift (Chopper-Stabilized) |
| **Supply Voltage (Range)** | 2.2V to 5.5V |
| **Offset Voltage (Max)** | 2.5 μV |
| **Offset Drift (Max)** | 0.015 μV/°C |
| **Voltage Noise Density** | 5.6 nV/√Hz (at 1 kHz) |
| **Gain Bandwidth Product** | 4 MHz |
| **Slew Rate** | 1.1 V/μs |
| **Input Type** | Rail-to-Rail |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
---
### 2. Core Features
* **Zero-Drift Technology:** The internal "chopper" architecture continuously corrects for offset voltage and drift. This ensures that the output remains stable even as the environment heats up or the component ages.
* **Ultra-Low Noise:** Unlike many other chopper-stabilized amplifiers, the ADA4528 series manages to keep voltage noise extremely low, making it suitable for high-resolution ADC driving.
* **Rail-to-Rail Input/Output (RRIO):** The device allows the input and output signals to swing all the way to the positive and negative supply rails, maximizing dynamic range in low-voltage systems.
* **No 1/f Noise:** Because of its switching architecture, the $1/f$ (flicker) noise is virtually eliminated, which is critical for DC and low-frequency measurements.
---
### 3. Application Use Cases
This part is typically found in precision instrumentation where signal integrity is paramount:
1. **Sensor Interfaces:** Ideal for thermocouples, strain gauges, and load cells.
2. **Medical Instrumentation:** Used in ECG/EKG monitors and high-precision diagnostic tools.
3. **Data Acquisition:** Acts as a buffer or gain stage for 16-bit to 24-bit Analog-to-Digital Converters (ADCs).
4. **Battery Monitoring:** High-side current sensing in power management systems.
---
### 4. Part Number Breakdown
The suffix **"ACPZ-R7"** provides specific manufacturing details:
* **ACPZ:** Refers to the Lead Frame Chip Scale Package (LFCSP) which is RoHS compliant (Z).
* **R7:** Indicates the packaging format, specifically a **7-inch reel** containing 1,500 units.
- ⤷
What is the difference between the ADA4528-1 and the ADA4528-2?
- ⤷ How does 'chopper-stabilized' technology affect high-frequency performance?
- ⤷ Can this Op-Amp be used with a single-supply 3.3V power rail?