ADA4610-2ARMZ-R7
AI

The **ADA4610-2ARMZ-R7** is a high-precision, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is widely recognized for its low noise, low input bias current, and high speed.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Input Type** | JFET |
| **Supply Voltage (Range)** | ±4.5 V to ±15 V |
| **Gain Bandwidth Product** | 16.3 MHz |
| **Slew Rate** | 61 V/µs |
| **Input Bias Current** | 5 pA (Typical) |
| **Voltage Noise Density** | 7.3 nV/√Hz (at 1 kHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | MSOP-8 (ARMZ suffix) |
---
### 2. Breakdown of the Part Number
The part number follows a specific naming convention used by Analog Devices:
* **ADA4610**: The core series designation (Precision JFET Op-Amp).
* **-2**: Indicates the number of channels (2 = Dual).
* **A**: Refers to the performance grade (Standard grade).
* **RM**: Indicates the package type (MSOP - Mini Small Outline Package).
* **Z**: Denotes RoHS compliance (Lead-free).
* **R7**: Indicates the packaging format (7-inch Reel, usually containing 1,000 units).
---
### 3. Core Features and Benefits
* **High Slew Rate (61 V/µs):** This allows the amplifier to respond rapidly to large changes in input signals, making it excellent for high-speed signal processing.
* **Ultra-Low Input Bias Current:** Because it uses JFET inputs, the current flowing into the input pins is extremely small (pico-amps). This is critical for high-impedance sensor applications.
* **Low Total Harmonic Distortion (THD):** Ideal for audio and high-fidelity instrumentation.
* **No Phase Reversal:** The output will not flip polarity if the input voltage exceeds the specified common-mode range.
---
### 4. Typical Applications
The ADA4610-2 is commonly used in high-precision circuits, including:
1. **Photodiode Transimpedance Amplifiers:** Converting light signals into voltage.
2. **Precision Filters:** High-order active filters requiring high bandwidth.
3. **Medical Instrumentation:** Low-noise data acquisition for EEG/ECG.
4. **Professional Audio:** High-end pre-amplifiers and mixing consoles.
5. **ATE (Automatic Test Equipment):** Fast settling times are required for testing semiconductors.
---
- ⤷
What are the differences between the ADA4610-2 and the single-channel ADA4610-1?
- ⤷ How does JFET input technology compare to CMOS in op-amp design?
- ⤷ Can this op-amp be used with a single-rail power supply?