Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4622-2ARZ-R7

  • AI
    ### ADA4622-2ARZ-R7: Technical Overview The **ADA4622-2ARZ-R7** is a high-performance, dual-channel, precision JFET-input operational amplifier manufactured by **Analog Devices**. It is designed as the next-generation upgrade to the industry-standard OP271 and AD712, offering significantly better stability and power efficiency. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage (Single)** | 5V to 30V | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 23 V/µs | | **Input Bias Current** | 2 pA (Typical) | | **Offset Voltage** | 400 µV (Maximum) | | **Package / Case** | SOIC-N-8 (Small Outline Integrated Circuit) | | **Packaging** | Tape & Reel (indicated by the "R7" suffix) | --- ### 2. Core Features * **Low Input Bias Current:** Because it uses JFET inputs, it has extremely low bias current (picoampere range), making it ideal for photodiode transimpedance amplifiers or high-impedance sensors. * **High Slew Rate:** At 23 V/µs, it can handle fast-moving signals with minimal distortion. * **Low Noise:** It provides low voltage noise and current noise, ensuring high signal integrity in precision measurements. * **Capacitive Load Drive:** It is designed to be stable even when driving significant capacitive loads (up to 1000 pF) without needing external compensation. * **Output Swing:** It features rail-to-rail output swing, allowing for maximum dynamic range on lower voltage supplies. --- ### 3. Part Number Breakdown The suffix system provides specific information about the physical packaging: * **ADA4622-2:** The base model and number of op-amps (2). * **ARZ:** Indicates the package type (SOIC) and that it is RoHS compliant (lead-free). * **R7:** Indicates the quantity/packaging format (7-inch reel, typically containing 1,000 units). --- ### 4. Typical Applications 1. **High Impedance Sensor Interfacing:** Connecting to pH probes, piezoelectric sensors, or photodiodes. 2. **Precision Instrumentation:** Used in medical equipment or data acquisition systems where accuracy is critical. 3. **Active Filters:** High-speed, low-noise filtering for audio or industrial signals. 4. **DAC Output Buffering:** Providing a stable buffer for digital-to-analog converters. ---
    ✨ Follow-up Questions
    • ⤷How does the ADA4622-2 compare to the older AD712 in terms of power consumption?
    • ⤷ What is the importance of the JFET input for sensor applications?
    • ⤷ Are there single or quad-channel versions of this specific op-amp?