ADA4622-4ACPZ-R2
AI

The **ADA4622-4ACPZ-R2** is a high-precision, quad-channel, Low Bias Current, Rail-to-Rail Output (RRO) Precision Op-Amp manufactured by Analog Devices. It belongs to the ADA4622 family, which is the next generation of the industry-standard OP27/AD712/AD822 series.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the ADA4622-4ACPZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Input Type** | JFET (Low Bias Current) |
| **Supply Voltage Range** | 5V to 30V (Single) or ±2.5V to ±15V (Dual) |
| **Gain Bandwidth Product** | 8 MHz |
| **Slew Rate** | 23 V/µs |
| **Input Bias Current** | 2 pA (typical) |
| **Offset Voltage** | 400 µV (maximum) |
| **Quiescent Current** | 715 µA per channel |
| **Output Type** | Rail-to-Rail |
---
## 2. Key Features and Benefits
* **JFET Input:** The Junction Field-Effect Transistor (JFET) input stage provides extremely low input bias current, making it ideal for high-impedance sensor interfaces.
* **High Speed vs. Power:** With an 8 MHz bandwidth and 23 V/µs slew rate, it handles fast signals while consuming relatively low power.
* **Low Noise:** It offers low voltage noise (12 nV/√Hz at 1 kHz), which is critical for maintaining signal integrity in precision measurement.
* **EMI Filters:** The device includes integrated Electromagnetic Interference (EMI) filters to reduce sensitivity to wireless and radio frequency interference.
---
## 3. Package and Ordering Information
The suffix "ACPZ-R2" defines the physical properties and packaging:
* **ACPZ:** Refers to the **LFCSP** (Lead Frame Chip Scale Package). This is a very small, thermally efficient surface-mount package.
* **R2:** Indicates the tape and reel size (usually a 250-piece reel for small production or prototyping).
### Pin Configuration (Simplified)
```text
LFCSP-16 (4x4 mm)
-----------------
1: OUT A 9: -IN C
2: -IN A 10: +IN C
3: +IN A 11: V-
4: V+ 12: +IN D
5: +IN B 13: -IN D
6: -IN B 14: OUT D
7: OUT B 15: NC (No Connect)
8: OUT C 16: Exposed Pad (Connect to V-)
```
---
## 4. Typical Applications
1. **Photodiode Amplifiers:** Due to the pico-ampere range bias current.
2. **High-Impedance Sensor Interfaces:** Buffering pH probes or capacitive sensors.
3. **Medical Instrumentation:** EEG/ECG pre-amplifiers.
4. **Precision Filters:** Active low-pass or high-pass filters requiring high accuracy.
- ⤷
What are the main differences between the ADA4622 and the older AD822 model?
- ⤷ How should the exposed pad of the LFCSP package be grounded?
- ⤷ Can this op-amp be used in a single-supply 5V system?