ADA4665-2ARZ-R7
AI

## Technical Overview: ADA4665-2ARZ-R7
The **ADA4665-2ARZ-R7** is a high-performance, dual-channel, CMOS operational amplifier manufactured by Analog Devices. It is designed specifically for low-power, rail-to-rail input and output applications.
---
### Key Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Channels** | Dual (2) |
| **Supply Voltage (Single)** | 5V to 16V |
| **Supply Voltage (Dual)** | ±2.5V to ±8V |
| **Supply Current (per Amp)** | 290 μA (Typical) |
| **Gain Bandwidth Product** | 1.2 MHz |
| **Slew Rate** | 1 V/μs |
| **Input Bias Current** | 1 pA (Typical) |
| **Output Type** | Rail-to-Rail |
| **Package Type** | SOIC-8 (Narrow) |
---
### Core Functional Features
* **Rail-to-Rail Input/Output (RRIO):** The device can handle input signals that extend to the supply rails and provide an output voltage swing that reaches nearly the full supply range.
* **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is extremely low (pA range), making it ideal for high-impedance sensor interfaces.
* **Wide Supply Range:** Unlike many CMOS op-amps limited to 5V, the ADA4665 can operate up to 16V, allowing for higher dynamic range.
* **Power Efficiency:** With less than 300 μA per amplifier, it is well-suited for battery-powered or thermally sensitive designs.
---
### Part Number Breakdown
Understanding the suffix nomenclature:
1. **ADA4665-2**: The base model and channel count (Dual).
2. **ARZ**: Indicates the package type (SOIC) and RoHS compliance (Lead-Free).
3. **R7**: Refers to the packaging format—specifically, a **7-inch Tape and Reel** (typically containing 1,000 units).
---
### Typical Applications
* **Photodiode Amplifiers:** Due to the low input bias current.
* **Battery-Powered Instrumentation:** Low current consumption extends battery life.
* **Portable Medical Devices:** ECG/EKG monitoring and portable diagnostics.
* **Sensor Signal Conditioning:** Used in industrial pressure or temperature transmitters.
- ⤷
What are the main differences between the ADA4665 and the ADA4661?
- ⤷ Can you provide a pinout diagram description for the SOIC-8 package?
- ⤷ How does the input offset voltage drift behave over temperature for this part?