Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4692-2ARZ-R7

  • AI
    ## Overview of ADA4692-2ARZ-R7 The **ADA4692-2ARZ-R7** is a high-performance, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by **Analog Devices**. It is designed specifically for low-power, cost-sensitive applications that require a balance between speed and power consumption. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Current** | 180 µA per amplifier (Typical) | | **Gain Bandwidth Product** | 3.5 MHz | | **Slew Rate** | 1.1 V/µs | | **Input Bias Current** | 0.5 pA (Typical) | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | | **Operating Temperature** | -40°C to +125°C | --- ### Internal Architecture and Electronic Features The electronic design of the ADA4692-2 focuses on CMOS technology to achieve high input impedance and low power consumption. #### 1. Rail-to-Rail Input/Output (RRIO) Unlike traditional op-amps that saturate before reaching the supply rails, the ADA4692-2 allows the signal to swing nearly to the ground and the positive supply. This is critical in low-voltage systems (like 3.3V) to maximize the dynamic range. #### 2. Low Input Bias Current Utilizing a CMOS input stage, the device features extremely low input bias current (typically **0.5 pA**). This makes it ideal for: * Photodiode pre-amplifiers. * High-impedance sensor interfaces. * Charge integrators. #### 3. Power Efficiency With a current consumption of only **180 µA per channel**, it is suitable for battery-operated devices where extending battery life is a priority. Despite the low current, it maintains a respectable **3.5 MHz bandwidth**. --- ### Typical Applications * **Consumer Electronics:** Audio pre-amplification in portable devices. * **Medical Instrumentation:** Portable ECG monitors and glucose meters. * **Industrial:** Active filters and sensor signal conditioning. * **Automotive:** Infotainment systems and sensor buffering. --- ### Pin Configuration (8-SOIC) ```text ADA4692-2 +-----------+ OUTA | 1 8 | V+ -INA | 2 7 | OUTB +INA | 3 6 | -INB V- | 4 5 | +INB +-----------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4692 and the ADA4691 series?
    • ⤷ How does the low input bias current affect the noise performance in sensor circuits?
    • ⤷ Can this op-amp be used in a single-supply 5V circuit for audio applications?