AI

## Technical Overview of the ADA4817-2ACPZ-R7
The **ADA4817-2ACPZ-R7** is a high-performance electronic component manufactured by Analog Devices. It belongs to the category of **FastFET™ Operational Amplifiers**. Below is a detailed breakdown of its specifications, internal architecture, and common applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual, High-Speed, Voltage Feedback Op-Amp |
| **Input Stage** | FET (Field-Effect Transistor) |
| **Bandwidth (-3 dB)** | 1050 MHz (1.05 GHz) |
| **Slew Rate** | 870 V/μs |
| **Input Capacitance** | 1.3 pF (Low) |
| **Supply Voltage Range** | 5V to 10V (Total) |
| **Supply Current** | 19 mA per amplifier |
| **Output Current** | 40 mA |
| **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) |
---
### 2. Electronic Characteristics & Architecture
The ADA4817-2 is designed for high-speed signal processing where low input bias current and high input impedance are required.
#### A. FET Input Stage
Because it uses a FET input, it has extremely low **Input Bias Current** (typically 2 pA). This makes it ideal for buffering high-impedance sources without loading the signal or introducing offset errors.
#### B. High Speed & Wide Bandwidth
With a **1.05 GHz bandwidth**, it can handle high-frequency signals with minimal distortion. The **870 V/μs slew rate** ensures the output can track rapid changes in the input signal, which is critical for pulse-based applications.
#### C. Low Noise
Despite its high speed, it maintains low noise characteristics:
* **Voltage Noise:** 4 nV/√Hz @ 100 kHz.
* **Current Noise:** 2.5 fA/√Hz @ 100 kHz.
---
### 3. Pinout & Package Details (LFCSP-16)
The "ACPZ-R7" suffix indicates the packaging and reel size. The **LFCSP-16** is a 3x3 mm leadless package that provides excellent thermal dissipation and low parasitic inductance, which is vital for GHz-range stability.
---
### 4. Common Applications
Due to its high speed and FET input, this part is commonly found in:
1. **Photodiode Preamps:** Converting light-induced current into voltage in optical networking.
2. **ADC Drivers:** Buffering signals for high-speed Analog-to-Digital Converters.
3. **Data Acquisition:** High-performance instrumentation and medical imaging (Ultrasound).
4. **Professional Video:** High-fidelity signal routing and processing.
---
### 5. Ordering Information Breakdown
* **ADA4817-2:** Part family (Dual channel version).
* **ACPZ:** Package code (LFCSP) and RoHS compliance (Z).
* **R7:** Packaging format (7-inch reel, typically containing 1,500 pieces).
- ⤷
How does the ADA4817-2 compare to a standard Bipolar input op-amp in terms of noise?
- ⤷ What are the layout considerations for a 1 GHz op-amp on a PCB?
- ⤷ Can this op-amp be powered by a single 5V supply
- ⤷ or does it require a dual supply?