Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4830-1BCPZ-R2

  • AI
    The **ADA4830-1BCPZ-R2** is a high-speed, difference amplifier specifically designed for automotive and industrial video applications. It is manufactured by Analog Devices and is primary used for its excellent common-mode rejection and robust protection features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | High-Speed Difference Amplifier | | **Bandwidth (-3 dB)** | 84 MHz | | **Slew Rate** | 250 V/µs | | **Supply Voltage Range** | 2.9 V to 5.5 V | | **Common-Mode Rejection Ratio (CMRR)** | 65 dB (at 5 MHz) | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The ADA4830-1 is engineered to handle signals in noisy environments. Its internal architecture provides several critical advantages: * **Integrated Gain:** It typically features a fixed gain (usually G=1 or G=0.5 depending on configuration), which simplifies signal chain design. * **Common-Mode Protection:** It can handle input common-mode voltages that extend beyond the supply rails, which is vital in automotive systems where ground shifts occur. * **Battery Short Protection:** This specific part is "Short-to-Battery" protected, meaning it can withstand accidental connections to 18V battery lines without destroying the IC. --- ### 3. Typical Applications This component is most frequently found in systems requiring robust video signal transmission: 1. **Automotive Infotainment:** Handling CVBS (Composite Video) signals from rearview cameras. 2. **Surveillance Systems:** Long-distance analog video transmission over twisted pair cables. 3. **Industrial Monitoring:** Signal conditioning in environments with high electromagnetic interference (EMI). --- ### 4. Pin Configuration (Simplified) ```c /* Standard LFCSP-8 Pinout for ADA4830-1 */ 1: INP (Positive Input) 2: INN (Negative Input) 3: VOCM (Output Common-Mode Control) 4: V- (Negative Supply / Ground) 5: DISABLE (Power-down Control) 6: VOUT (Signal Output) 7: V+ (Positive Supply) 8: EP (Exposed Pad - should be connected to V-) ``` --- ### 5. Ordering Information Suffix: "-R2" In the part number **ADA4830-1BCPZ-R2**: * **BCPZ:** Denotes the Lead Frame Chip Scale Package (LFCSP) and RoHS compliance. * **R2:** Specifically refers to the **tape and reel** size (usually a 7-inch reel containing 250 units), intended for small-scale automated assembly.
    ✨ Follow-up Questions
    • ⤷What is the difference between ADA4830-1 and ADA4830-2?
    • ⤷ How does the Short-to-Battery protection mechanism work in this IC?
    • ⤷ Can this part be used for digital signal conditioning?