Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4850-2YCPZ-R2

  • AI
    The **ADA4850-2YCPZ-R2** is a high-speed, rail-to-rail output operational amplifier (op-amp) manufactured by Analog Devices. It is designed specifically for low-power applications that require high performance in video or signal processing. --- ## 1. Core Technical Specifications The following table outlines the primary electrical characteristics of the ADA4850-2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2 Op-Amps) | | **-3 dB Bandwidth** | 175 MHz (at G = +1) | | **Slew Rate** | 85 V/µs | | **Supply Voltage Range** | 2.7 V to 6 V | | **Quiescent Current** | 2.5 mA per amplifier | | **Output Type** | Rail-to-Rail | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | --- ## 2. Key Features and Functionality ### Power Management (Power Down) One of the distinguishing features of the "2" version of this series is the **power-down pin**. This allows the device to enter a low-current state, significantly reducing power consumption when the amplifier is not in use, which is critical for battery-operated devices. ### Signal Integrity * **Low Distortion:** It offers excellent harmonic distortion performance, making it suitable for driving Analog-to-Digital Converters (ADCs). * **Settling Time:** It has a fast settling time (approx. 45 ns to 0.1%), which is ideal for pulsed signal applications. ### Rail-to-Rail Output The output swing can reach within millivolts of the supply rails, maximizing the dynamic range of the signal, especially when working with low voltage supplies like 3.3V. --- ## 3. Pinout and Packaging Data The suffix **YCPZ** indicates the package type and environmental compliance: * **CP:** LFCSP (Lead Frame Chip Scale Package). * **Z:** RoHS Compliant (Lead-free). * **R2:** This indicates the reel size/quantity for automated assembly (typically 250 units on a 7-inch reel). --- ## 4. Common Applications 1. **Video Electronics:** Driving SD (Standard Definition) video signals in cameras or set-top boxes. 2. **ADC Drivers:** Acting as a buffer or gain stage before a high-speed ADC. 3. **Portable Equipment:** Due to its low power consumption and shutdown feature. 4. **Filters:** Implementing active high-pass or low-pass filters in communication systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4850-1 and the ADA4850-2 variants?
    • ⤷ How does the power-down pin affect the output impedance of the amplifier?
    • ⤷ What is the recommended PCB layout strategy for the LFCSP-8 package to handle thermal dissipation?