Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4857-2YCPZ-R2

  • AI
    ### Overview of the ADA4857-2YCPZ-R2 The **ADA4857-2YCPZ-R2** is a high-speed, voltage feedback, dual-channel operational amplifier manufactured by **Analog Devices**. It is designed for low power consumption without sacrificing high-speed performance, making it ideal for high-resolution video and telecommunications applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Dual (2 Amplifiers) | | **Bandwidth (-3 dB)** | 850 MHz (G = +1) | | **Slew Rate** | 2800 V/µs | | **Input Voltage Noise** | 4.4 nV/√Hz | | **Supply Voltage Range** | 5V to 10V (or ±2.5V to ±5V) | | **Quiescent Current** | 5 mA per amplifier | | **Output Current** | 50 mA | | **Package Type** | LFCSP-16 (3mm x 3mm) | --- ### Core Electronic Components & Features #### 1. High-Speed Architecture The device utilizes a **Voltage Feedback (VFB)** architecture. Unlike current feedback amplifiers, VFB amplifiers allow for easy use of reactive elements in the feedback loop, providing greater flexibility in filter design. Its high slew rate (2800 V/µs) ensures minimal distortion in fast-pulsed signals. #### 2. Power Efficiency One of the standout electronic characteristics is its power-to-performance ratio. It achieves a very high bandwidth (850 MHz) while drawing only **5 mA** of supply current per amplifier. This makes it suitable for portable or density-sensitive applications where thermal management is a concern. #### 3. Low Distortion and Noise It is engineered for high signal integrity: * **Low Harmonic Distortion:** -88 dBc @ 5 MHz. * **Low Noise:** With 4.4 nV/√Hz, it is effective in driving high-speed Analog-to-Digital Converters (ADCs). #### 4. Package: LFCSP-16 The **YCPZ** suffix refers to the **Lead Frame Chip Scale Package (LFCSP)**. * **Thermal Pad:** The bottom of the package features an exposed thermal pad that must be soldered to the PCB ground plane to dissipate heat and provide electrical stability. * **Small Footprint:** The 3mm x 3mm size is critical for high-density circuit boards. --- ### Typical Application Circuit When designing with this part, typical configurations include non-inverting gain stages for driving low-impedance loads. ```c // Example: Calculating Feedback Resistors for Gain of 2 // Rf = Feedback Resistor, Rg = Gain Resistor // Gain = 1 + (Rf / Rg) Rf = 499 Ohms; Rg = 499 Ohms; Resulting_Gain = 2; ``` --- ### Applications * **ADC Drivers:** Buffering signals for high-speed converters. * **Video Line Drivers:** Delivering high-fidelity video signals over 75Ω lines. * **Professional Cameras:** Used in image processing chains. * **Pulse Amplifiers:** Handling rapid transitions in communication systems.
    ✨ Follow-up Questions
    • ⤷ How does the ADA4857-2 compare to the single-channel ADA4857-1 in terms of pinout?
    • ⤷ What are the specific thermal considerations for the LFCSP package during PCB layout?
    • ⤷ Can this op-amp be used with a single 5V power supply?