Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4858-3ACPZ-R2

  • AI
    The **ADA4858-3ACPZ-R2** is a high-speed, high-performance operational amplifier manufactured by Analog Devices. It is specifically designed for professional video applications and high-speed data acquisition where low power and high density are critical. --- ### 1. Key Technical Specifications The "3" in the part number indicates it is a **triple** amplifier, meaning it contains three independent op-amps in a single package. | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 3 (Triple) | | **Bandwidth (-3 dB)** | 600 MHz | | **Slew Rate** | 600 V/µs | | **Settling Time** | 20 ns to 0.1% | | **Supply Voltage Range** | 4.5 V to 5.5 V (Single) or ±2.25 V to ±2.75 V (Dual) | | **Quiescent Current** | 19 mA (Total for all 3 amps) | | **Package Type** | LFCSP-16 (3x3 mm) | --- ### 2. Core Features * **Current Feedback Architecture:** Unlike standard voltage feedback op-amps, the ADA4858-3 uses a current feedback architecture, which allows for higher bandwidth and faster slew rates even at higher gains. * **Low Distortion:** It offers excellent harmonic distortion performance, which is vital for maintaining signal integrity in video signals. * **Power-Down Feature:** The "R2" variant includes individual power-down pins for each amplifier to conserve energy in battery-operated or thermal-sensitive designs. * **Small Footprint:** The 16-lead LFCSP (Lead Frame Chip Scale Package) is extremely small (3mm x 3mm), making it ideal for compact PCB layouts. --- ### 3. Pinout and Internal Logic The device is integrated into a 16-pin square package. Below is a simplified representation of the functional distribution: ```text LFCSP-16 Top View +-----------------+ | 16 15 14 13 | 1 | | 12 2 | (Center) | 11 3 | Pad | 10 4 | | 9 +-----------------+ 5 6 7 8 ``` * **Inverting/Non-Inverting Inputs:** Dedicated pins for each of the 3 amplifiers. * **Outputs:** Three independent output pins. * **PD (Power Down):** Pins to disable specific channels. * **Exposed Pad:** The bottom pad must be soldered to the PCB ground plane for thermal dissipation and electrical stability. --- ### 4. Common Applications 1. **Professional Video:** Driving RGB or component video signals in broadcast equipment. 2. **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters. 3. **Instrumentation:** High-speed pulse amplification. 4. **Active Filters:** Designing high-frequency filters with low phase shift.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of Current Feedback vs Voltage Feedback in this chip?
    • ⤷ How should the thermal pad be handled during PCB layout for the ADA4858-3?
    • ⤷ What is the difference between the R2 and R7 suffixes for this part?