ADA4859-3ACPZ-R2
AI

The **ADA4859-3ACPZ-R2** is a high-speed, triple video amplifier manufactured by Analog Devices. It is specifically designed to handle high-definition (HD) and standard-definition (SD) video signals with integrated charge pump technology.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Triple High-Speed Operational Amplifier |
| **Bandwidth (-3 dB)** | 195 MHz |
| **Slew Rate** | 740 V/µs |
| **Supply Voltage** | 3.0 V to 5.5 V (Single Supply) |
| **Output Current** | 42 mA per channel |
| **Package** | LFCSP-16 (3mm x 3mm) |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Core Functional Components
#### A. Triple Amplifier Configuration
The device contains three independent, high-speed amplifiers. This is ideal for RGB (Red, Green, Blue) or YPbPr (Component Video) signal processing, where three synchronized channels are required.
#### B. Integrated Charge Pump
One of the standout features is the on-board charge pump.
- **Purpose:** It generates a negative internal supply rail.
- **Benefit:** This allows the output to swing below ground (True Single-Supply), eliminating the need for large, expensive DC-blocking capacitors at the output stage.
#### C. Fixed Gain or External Gain
The "3" in the series often refers to the triple nature, but internal feedback resistors are set to provide a fixed gain of 2, which compensates for the 6 dB loss typically found in back-terminated video cables.
---
### 3. Application Use Cases
This part is predominantly used in consumer electronics and professional video equipment:
1. **Set-Top Boxes:** Processing HD/SD video signals.
2. **DVD Players/Recorders:** Signal buffering for analog outputs.
3. **Personal Video Recorders (PVR):** Driving video lines for displays.
4. **Projectors:** Managing RGB color signals.
---
### 4. PCB Design Considerations (Footprint)
The `ACPZ-R2` suffix indicates the package type and reel size:
- **LFCSP-16:** Lead Frame Chip Scale Package with 16 pins. It has an exposed thermal pad that **must** be soldered to the PCB ground plane for heat dissipation.
- **R2:** Indicates the tape and reel size (usually 250 units for R2).
```c
// Example: Schematic Pinout Logic
Pin 1: VOUT1 (Output 1)
Pin 2: VIN1 (Input 1)
Pin 4: VCC (Positive Supply)
Pin 8: CP (Charge Pump Capacitor connection)
Pin 16: VOUT3(Output 3)
```
- ⤷
What are the advantages of using a charge pump in video amplifiers?
- ⤷ How does the fixed gain of 2 simplify video circuit design?
- ⤷ What are the thermal management requirements for the LFCSP-16 package?