ADA4891-2ARMZ-R7
AI

The **ADA4891-2ARMZ-R7** is a high-speed, CMOS, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is designed to provide high performance at a low cost, making it ideal for video applications and consumer electronics.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Bandwidth (-3 dB)** | 240 MHz |
| **Slew Rate** | 210 V/µs |
| **Supply Voltage Range** | 2.7V to 5.5V |
| **Output Current** | 125 mA |
| **Settling Time (0.1%)** | 25 ns |
| **Package / Case** | 8-MSOP (8-uMAX) |
---
### 2. Core Features
* **Rail-to-Rail Output:** The output swing extends to within millivolts of the supply rails, which is critical for maximizing dynamic range in low-voltage systems.
* **High Speed:** With a 240 MHz bandwidth and high slew rate, it can handle fast-moving signals without significant distortion.
* **Low Cost:** Optimized for high-volume applications where budget is a constraint but performance is required.
* **Low Power:** Despite its speed, it maintains a relatively low quiescent current, suitable for battery-powered devices.
---
### 3. Decoding the Part Number: `ADA4891-2ARMZ-R7`
Understanding the suffix helps in identifying the specific physical and packaging attributes:
| Segment | Meaning |
| :--- | :--- |
| **ADA4891** | Model series (High-speed CMOS Op-amp) |
| **-2** | Denotes the number of channels (Dual) |
| **A** | Temperature range / Performance grade |
| **RM** | Package type (MSOP - Mini Small Outline Package) |
| **Z** | RoHS compliant (Lead-free) |
| **R7** | Packaging format (7-inch Reel, typically 1,000 units) |
---
### 4. Common Applications
Due to its high speed and rail-to-rail capabilities, the ADA4891-2 is frequently used in:
1. **Automotive Infotainment:** Driving video displays and processing sensor data.
2. **Video Buffering:** Serving as a driver for composite video signals (SDTV/HDTV).
3. **Active Filters:** High-speed signal conditioning and filtering.
4. **Photodiode Pre-amps:** Converting light-to-voltage in optical sensors.
---
- ⤷What is the difference between the ADA4891-2 and the ADA4891-4?
- ⤷ Can this op-amp be used in a single-supply 3.3V system?
- ⤷ What are the thermal considerations for the 8-MSOP package in high-current applications?