ADA4896-2ACPZ-R2
AI

## Overview of ADA4896-2ACPZ-R2
The **ADA4896-2ACPZ-R2** is a high-speed, low-noise, dual operational amplifier manufactured by **Analog Devices**. It belongs to a class of precision amplifiers designed for applications where signal integrity and high-speed performance are critical.
---
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Bandwidth (-3 dB)** | 230 MHz |
| **Slew Rate** | 120 V/µs |
| **Voltage Noise** | 1 nV/√Hz (at 100 kHz) |
| **Operating Supply Voltage** | 3V to 10V (Total) |
| **Quiescent Current** | 3.0 mA per amplifier |
| **Output Type** | Rail-to-Rail |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
---
### Core Electronic Characteristics
#### 1. Ultra-Low Noise
With a voltage noise density of only **1 nV/√Hz**, this part is optimized for picking up very faint signals without adding significant background hiss or interference. This makes it ideal for pre-amplification stages.
#### 2. High-Speed Performance
The 230 MHz bandwidth allows the chip to process signals with high frequency components accurately. The high slew rate (120 V/µs) ensures the output can follow rapid changes in the input signal without distortion.
#### 3. Low Distortion
The ADA4896-2 is engineered for high linearity. It maintains low harmonic distortion even when driving significant loads, which is essential for maintaining the purity of audio or sensor signals.
#### 4. Rail-to-Rail Output
The output can swing very close to the supply rails, maximizing the dynamic range of the signal, especially in low-voltage systems (e.g., 3.3V or 5V logic).
---
### Typical Applications
* **ADC Drivers:** Buffering signals before they enter an Analog-to-Digital Converter to ensure the converter sees a low-impedance source.
* **Precision Instrumentation:** Used in medical devices (ultrasound) or high-end laboratory equipment.
* **Active Filters:** Designing high-order filters that require wide bandwidth and low noise.
* **Optical Electronics:** Transimpedance amplifiers for photodiode circuits.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ADA4896** | Base model series number |
| **-2** | Indicates dual-channel (two op-amps in one package) |
| **ACPZ** | Package type (Lead Frame Chip Scale Package - RoHS compliant) |
| **-R2** | Tape and reel packaging size (usually 250 units) |
---
- ⤷How does the power consumption of the ADA4896-2 compare to other low-noise op-amps?
- ⤷ What are the layout considerations for using this high-speed LFCSP package?
- ⤷ Can this part be used with a single-supply voltage?