Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADA4930-2YCPZ-R2

  • AI
    ## ADA4930-2YCPZ-R2: Detailed Overview The **ADA4930-2YCPZ-R2** is a high-performance, ultra-low noise, low distortion, dual-channel differential amplifier manufactured by **Analog Devices**. It is specifically designed to drive high-resolution Analog-to-Digital Converters (ADCs) with sampling rates up to 1.8 GHz. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Fully Differential Amplifier (FDA) | | **Number of Channels** | 2 (Dual) | | **Gain Bandwidth Product** | 1.35 GHz | | **Slew Rate** | 3400 V/µs | | **Voltage Noise** | 1.2 nV/√Hz | | **Operating Supply Voltage** | 3.3 V to 5 V | | **Current Consumption** | ~34 mA per channel | | **Package** | 24-LFCPP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Features * **Differential Architecture:** It converts single-ended signals to differential signals or amplifies differential-to-differential signals. This is critical for reducing common-mode noise in high-speed circuits. * **DC Coupled Capability:** It can be used for both AC and DC coupled applications, with an adjustable output common-mode voltage ($V_{OCM}$). * **Low Distortion:** It maintains excellent linearity at high frequencies, which is essential for maintaining the Signal-to-Noise Ratio (SNR) and Spurious-Free Dynamic Range (SFDR) of high-speed ADCs. * **Power Down Mode:** Includes a power-down feature to reduce current consumption when the device is idle. --- ### 3. Pin Configuration & Hardware Integration The device utilizes a 24-lead LFCSP package with an exposed pad for thermal management. ```text // Simplified Pin Signal Mapping 1. +IN (A/B) : Non-inverting inputs 2. -IN (A/B) : Inverting inputs 3. +OUT (A/B) : Non-inverting outputs 4. -OUT (A/B) : Inverting outputs 5. VOCM : Sets the output common-mode level 6. PD : Power-down pin (active high) ``` --- ### 4. Typical Applications 1. **ADC Driver:** Driving high-speed converters like the AD9200 series. 2. **Differential Buffering:** Acting as a high-speed buffer for differential signals. 3. **IF/Baseband Gain Blocks:** Used in communication systems for signal conditioning. 4. **Data Acquisition:** High-fidelity instrumentation and medical imaging (Ultrasound). --- ### 5. Part Number Breakdown * **ADA4930**: Base part number for the Ultra-low Noise FDA. * **-2**: Denotes the dual-channel version. * **YCPZ**: Indicates the package type (LFCSP) and RoHS compliance. * **R2**: Specifies the packaging format (7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the exposed thermal pad of the ADA4930-2?
    • ⤷ How does the VOCM pin influence the interface with a 14-bit ADC?
    • ⤷ What is the difference between the ADA4930-1 and the ADA4930-2?