ADA4932-2YCPZ-R2
AI

## Overview of ADA4932-2YCPZ-R2
The **ADA4932-2YCPZ-R2** is a high-performance, dual-channel, differential amplifier manufactured by **Analog Devices**. It is specifically designed as a high-speed ADC (Analog-to-Digital Converter) driver, optimized for low power consumption and low distortion.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Bandwidth (-3 dB)** | 560 MHz |
| **Slew Rate** | 2800 V/µs |
| **Voltage Supply Range** | 3.3V to 11V (Single) or ±1.65V to ±5.5V (Dual) |
| **Operating Current** | 9.6 mA per channel |
| **Input Voltage Noise** | 3.6 nV/√Hz |
| **Package / Case** | 24-WFQFN, Exposed Pad (LFCSP) |
---
### Core Electronic Characteristics
#### 1. Differential Architecture
This part is a **Differential-to-Differential** or **Single-ended-to-Differential** amplifier. It is used to convert standard signals into balanced signals, which helps in rejecting common-mode noise in high-precision circuits.
#### 2. DC Precision and High Speed
The ADA4932-2 balances high-speed performance (560 MHz) with excellent DC accuracy. It features:
* **Low Offset Voltage:** Minimizes errors in the signal chain.
* **Fast Settling Time:** Crucial for driving Successive Approximation Register (SAR) and Pipelined ADCs.
#### 3. Adjustable Output Common-Mode Voltage
The device includes a `VOCM` pin. This allows the user to independently set the output common-mode voltage, making it easy to match the input range requirements of a specific ADC without using external coupling capacitors.
---
### Internal Functional Block Diagram
```mermaid
graph LR
InP[Input +] --> Amp[Differential Amp]
InN[Input -] --> Amp
VOCM[Common Mode Ref] --> Amp
Amp --> OutP[Output +]
Amp --> OutN[Output -]
```
### Typical Applications
* **ADC Driving:** High-resolution 16-bit to 18-bit ADCs.
* **Single-ended-to-Differential Conversion:** Bridging standard sensors to differential systems.
* **IF and Baseband Gain Blocks:** Used in communication infrastructure.
* **Data Acquisition Systems:** Enhancing signal integrity in industrial measuring.
---
### Design Considerations
* **Thermal Management:** The "Exposed Pad" on the LFCSP package must be soldered to the PCB ground plane to dissipate heat effectively.
* **Decoupling:** High-speed performance requires low-inductance ceramic capacitors (typically 0.1 µF and 10 µF) placed very close to the supply pins.
* **Stability:** Ensure that feedback resistors ($R_f$) and gain resistors ($R_g$) are matched to maintain a high Common-Mode Rejection Ratio (CMRR).
---
- ⤷
What are the main differences between the ADA4932-1 and ADA4932-2 versions?
- ⤷ How do you calculate the feedback resistors for a specific gain setting on this chip?
- ⤷ What are the PCB layout best practices for high-speed differential amplifiers?