ADA4938-1ACPZ-R2
AI

### Overview of ADA4938-1ACPZ-R2
The **ADA4938-1ACPZ-R2** is a high-performance, ultra-low distortion, differential amplifier manufactured by **Analog Devices**. It is specifically designed to drive high-resolution, high-speed Analog-to-Digital Converters (ADCs) with performance reaching up to 16 bits.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Fully Differential Amplifier |
| **Number of Channels** | 1 (Single) |
| **-3 dB Bandwidth** | 1.0 GHz (at G=1) |
| **Slew Rate** | 4700 V/µs |
| **Input Voltage Noise** | 2.6 nV/√Hz |
| **Harmonic Distortion** | -104 dBc HD2 / -95 dBc HD3 (at 10 MHz) |
| **Operating Supply Voltage** | 3.3 V to 5 V |
| **Package** | 16-LFCSP (3mm x 3mm) |
---
### Core Electronic Characteristics
#### 1. Differential Architecture
Unlike standard operational amplifiers, the ADA4938-1 has differential inputs and differential outputs. This allows it to:
* Convert single-ended signals to differential signals.
* Minimize common-mode noise and electromagnetic interference (EMI).
* Maximize the dynamic range of the signal chain.
#### 2. VOCM Pin (Output Common-Mode Control)
A critical feature of this part is the **VOCM pin**. By applying a voltage to this pin, the user can independently set the output common-mode level. This is vital when interfacing with high-speed ADCs that require a specific input offset voltage to function correctly.
#### 3. Low Noise and Distortion
The device is optimized for "SFDR" (Spurious-Free Dynamic Range). At high frequencies, it maintains extremely low harmonic distortion, which prevents the amplifier from introducing artifacts into the digital representation of the signal.
---
### Internal Functional Diagram Concept
The internal circuitry consists of a high-speed core with internal feedback resistors that can be supplemented with external resistors to set the gain:
```text
Input (+) ----[ Rf ]---- Output (-)
| |
( - )--( + ) <-- High Speed Internal Op-Amp
| |
Input (-) ----[ Rf ]---- Output (+)
|
[VOCM] (Common Mode Control)
```
---
### Typical Applications
* **ADC Driving:** Primarily used to buffer and drive 14-bit to 16-bit ADCs (like the AD9467).
* **Signal Level Shifting:** Adjusting signals to match the input requirements of downstream processors.
* **Communications:** Used in base stations and radio receivers for IF (Intermediate Frequency) sampling.
* **Instrumentation:** High-speed data acquisition systems and pulse amplifiers.
- ⤷
How does the VOCM pin help in DC-coupling with an ADC?
- ⤷ What are the layout considerations for a 1 GHz differential amplifier?
- ⤷ Can this part be used in a single-supply configuration?