ADA4940-1ACPZ-R2
AI

## Technical Overview: ADA4940-1ACPZ-R2
The **ADA4940-1ACPZ-R2** is a high-performance, low-noise, low-power **fully differential amplifier (FDA)** manufactured by Analog Devices. It is specifically designed to drive high-resolution 16-bit and 18-bit Analog-to-Digital Converters (ADCs) while consuming very little power.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Fully Differential Amplifier (FDA) |
| **Bandwidth (-3 dB)** | 260 MHz |
| **Slew Rate** | 95 V/µs |
| **Voltage Noise** | 3.9 nV/√Hz |
| **Supply Voltage Range** | 3 V to 7 V (Single) or ±1.5 V to ±3.5 V (Dual) |
| **Supply Current** | 1.25 mA (Low Power) |
| **Package** | 16-Lead LFCSP (3mm x 3mm) |
---
### 2. Functional Components and Features
* **Fully Differential Design:** Both the input and output are differential. This is crucial for modern high-precision ADCs as it rejects common-mode noise and doubles the dynamic range.
* **Adjustable Output Common-Mode ($V_{OCM}$):** This allows the user to set the output common-mode voltage independently of the input. This is vital for "level shifting" signals to match the input requirements of a specific ADC.
* **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the signal-to-noise ratio (SNR).
* **Precision Performance:** It features low input offset voltage and low input bias current, making it suitable for DC-coupled applications.
---
### 3. Application Use Cases
The ADA4940-1 is typically found in the "Signal Chain" just before the ADC. Common applications include:
1. **ADC Driving:** Primarily used for PulSAR® and SAR (Successive Approximation Register) ADCs.
2. **Single-Ended to Differential Conversion:** Converting a standard sensor signal (referenced to ground) into a differential signal for better noise immunity.
3. **Differential Buffering:** Acting as a buffer to prevent loading on sensitive sensors while maintaining differential integrity.
4. **Data Acquisition Systems:** Used in industrial, medical, and communication equipment requiring high bit-depth accuracy.
---
### 4. Typical Connection Diagram (Pseudo-Code Representation)
```text
Input (+) ----[ Rf ]----| |---- Output (+)
Input (-) ----[ Rg ]----| ADA4940 |---- Output (-)
| |
V_ocm ------------------| | (Sets Center Point)
```
---
### 5. Part Number Breakdown
* **ADA4940-1:** The base model (Single channel version).
* **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free).
* **R2:** Indicates the Tape and Reel size (usually 250 units for R2, whereas R7 or RL indicate larger quantities).
- ⤷
How does the VOCM pin affect the output signal in this amplifier?
- ⤷ What are the primary differences between the ADA4940-1 and the ADA4940-2?
- ⤷ What is the recommended power decoupling strategy for this specific LFCSP package?