ADA4950-2YCPZ-R7
AI

## ADA4950-2YCPZ-R7 Overview
The **ADA4950-2YCPZ-R7** is a high-performance, dual-channel, differential amplifier designed primarily to drive high-resolution Analog-to-Digital Converters (ADCs). It is manufactured by Analog Devices and is known for its low noise and low distortion characteristics.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Differential Amplifier (Dual Channel) |
| **Bandwidth (-3dB)** | 1 GHz |
| **Slew Rate** | 2200 V/µs |
| **Input Voltage Noise** | 4.8 nV/√Hz |
| **Output Voltage Swing** | Rail-to-Rail |
| **Supply Voltage Range** | 3.3V to 5V |
| **Package** | 24-Lead LFCSP (Lead Frame Chip Scale Package) |
---
### Core Electronic Components & Architecture
1. **Differential-to-Differential Amplification**:
It takes either single-ended or differential input signals and converts them to balanced differential outputs. This is crucial for maintaining signal integrity in noisy environments.
2. **Internal Feedback Network**:
The device features internal resistors that are laser-trimmed. This ensures high gain accuracy and excellent phase matching between the two channels.
3. **Adjustable Output Common-Mode Voltage ($V_{OCM}$)**:
The user can set the output common-mode voltage independently of the input. This allows the amplifier to "shift" the signal level to match the input requirements of an ADC.
4. **Power Management (Disable Pin)**:
It includes a power-down feature to reduce current consumption when the device is not active, making it suitable for portable applications.
---
### Typical Application Circuit (Conceptual)
```c
/* Basic Logic Flow for ADC Driver Implementation */
1. Input Signal (Vin+, Vin-) ->
2. ADA4950 Gain Stage (Internal resistors set Gain) ->
3. VOCM Reference Pin (Sets center point for ADC) ->
4. Differential Output (Vout+, Vout-) ->
5. Anti-Aliasing Filter (External RC) ->
6. ADC Input
```
---
### Usage Scenarios
* **ADC Driving**: Ideal for driving 12-bit to 16-bit ADCs (e.g., PulSAR® or SAR ADCs).
* **Data Acquisition**: Used in high-speed automated test equipment.
* **Signal Level Shifting**: Bridging different voltage domains in a signal chain.
* **Medical Imaging**: Processing signals for ultrasound or digital X-ray equipment.
- ⤷
How does the VOCM pin specifically help in matching the amplifier to an ADC?
- ⤷ What are the advantages of the LFCSP package for high-speed amplifiers?
- ⤷ Can this part be used in a single-supply configuration?