Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADAU1373BCBZ-R7

  • AI
    ## Overview of the ADAU1373BCBZ-R7 The **ADAU1373BCBZ-R7** is a high-performance, low-power, 24-bit audio codec developed by **Analog Devices**. It is specifically designed for mobile devices, portable media players, and handheld gaming consoles where power efficiency and high-fidelity audio are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Resolution** | 24-bit | | **Sampling Rate** | Up to 96 kHz | | **Number of ADCs** | 2 (Stereo) | | **Number of DACs** | 2 (Stereo) | | **SNR (Signal-to-Noise Ratio)** | 102 dB (DAC), 94 dB (ADC) | | **Control Interface** | I2C or SPI | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Operating Voltage** | 1.8V to 3.3V | --- ### 2. Functional Components The ADAU1373 is highly integrated, acting as a complete "system-on-a-chip" for audio processing. #### A. Analog Input/Output Stage - **Microphone Interfaces:** Features multiple microphone inputs with programmable gain amplifiers (PGA) and support for digital microphones. - **Headphone Drivers:** Includes integrated stereo headphone amplifiers that do not require bulky DC-blocking capacitors (Capless design). - **Line Inputs/Outputs:** Flexible routing for differential or single-ended signals. #### B. Digital Signal Processing (DSP) Engine While not a fully programmable SigmaDSP, it contains specialized fixed-function digital processing blocks: - **Equalization (EQ):** Multi-band parametric EQ for speaker compensation. - **Dynamic Range Control:** Limiter and compressor functions to prevent clipping. - **Digital Volume Control:** High-resolution volume steps for smooth transitions. #### C. Power Management - **LDO Regulators:** Integrated low-dropout regulators allow the chip to operate from a single supply. - **Clocking:** Built-in PLL (Phase-Locked Loop) to generate internal clocks from various external frequencies. --- ### 3. Application Use Cases 1. **Smartphones:** Managing voice calls, music playback, and noise cancellation. 2. **Portable Gaming:** Low-latency audio processing and high-output headphone driving. 3. **Tablets:** Interfacing with multiple microphones and speakers simultaneously. --- ### 4. Code Snippet Example (Initialization Concept) To communicate with the ADAU1373 via I2C, a microcontroller would typically send register-based commands: ```c // Example: Setting Volume via I2C (Pseudo-code) void set_adau1373_volume(uint8_t volume_level) { uint8_t device_address = 0x34; // Example I2C address uint8_t reg_address = 0x05; // Hypothetical volume register i2c_write(device_address, reg_address, volume_level); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the ADAU1373 and the ADAU1701?
    • ⤷ What are the soldering requirements for the WLCSP package?
    • ⤷ Does the ADAU1373 support active noise cancellation (ANC) processing?