AI

The **ADAU1772BCPZ-R7** is a high-performance, low-power Codec (Coder-Decoder) manufactured by Analog Devices. It is specifically designed for applications requiring high-quality audio processing with minimal latency, such as noise-canceling headphones.
---
### ## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | SigmaDSP® 4 ADC, 2 DAC Audio Codec |
| **Supply Voltage** | 1.8V (Digital/Analog Core) |
| **Max Sampling Rate** | 192 kHz |
| **Digital Interfaces** | I2C, SPI, I2S, TDM, PCM |
| **Package** | 40-LFCSP (6mm x 6mm) |
| **Dynamic Range** | 102 dB (ADC), 107 dB (DAC) |
---
### ## 2. Core Functional Blocks
The architecture of the ADAU1772 is divided into several critical electronic subsystems:
#### ### A. Analog-to-Digital Converters (ADC)
The chip features **four 24-bit ADCs**. These are high-performance Sigma-Delta converters designed to capture audio from microphones (analog) or line-in sources with high fidelity and low noise.
#### ### B. Digital-to-Digital Converters (DAC)
It includes **two 24-bit DACs**. These are used to output processed audio to speakers or headphone amplifiers. They feature a high SNR (Signal-to-Noise Ratio) to ensure clear audio playback.
#### ### C. Digital Signal Processor (DSP)
This is the "brain" of the chip. It is a dedicated **SigmaDSP core** optimized for:
- **Active Noise Cancellation (ANC):** Extremely low-latency processing (approx. 5 microseconds).
- **Equalization (EQ):** Fine-tuning frequency response.
- **Filtering:** High-pass, low-pass, and band-pass filters.
#### ### D. Power Management
Designed for battery-operated devices, it operates on a single 1.8V supply but includes internal regulators to manage different voltage domains, ensuring minimal power consumption during operation.
---
### ## 3. Pinout and Connection Example
The ADAU1772 uses a Lead Frame Chip Scale Package (LFCSP). Below is a conceptual representation of the primary pin groups:
```yaml
Pin Groups:
- Power: AVDD, DVDD, IOVDD (Voltage supply pins)
- Inputs: LINN/LINP (Left), RINN/RINP (Right) - Differential or Single-ended
- Outputs: LOUTP, ROUTP (Line outputs)
- Communication: SDA/SCL (I2C) or MOSI/MISO/SS/SCK (SPI)
- Clocking: MCLK (Master Clock input)
```
---
### ## 4. Typical Application Circuit
In a standard design, the ADAU1772 acts as the bridge between the analog world (microphones) and the digital world (Bluetooth SoC or Microcontroller).
1. **Input:** Two microphones capture ambient noise (for ANC) and two capture voice.
2. **Processing:** The DSP runs an ANC algorithm to invert the phase of ambient noise.
3. **Output:** The combined signal (music + inverted noise) is sent to the DAC and then to the headphone driver.
- ⤷
What are the main differences between the ADAU1772 and the ADAU1701?
- ⤷ How is the SigmaStudio software used to program this chip?
- ⤷ What is the typical power consumption in Active Noise Cancellation mode?