ADCA5190ACPZ-R7
AI

## ADCA5190ACPZ-R7: Electronic Overview
The **ADCA5190ACPZ-R7** is a high-performance, Wideband RF Amplifier manufactured by **Analog Devices**. It is specifically designed for high-linearity applications, often used in infrastructure and broadband communications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the component:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 5 MHz to 1800 MHz |
| **Gain** | ~18 dB (Typical at 1.2 GHz) |
| **OIP3** | +46 dBm |
| **Noise Figure** | 4.0 dB |
| **Voltage Supply** | 5V |
| **Current Consumption** | ~140 mA |
| **Package Type** | 24-Lead LFCSP (4mm x 4mm) |
---
### 2. Functional Components and Architecture
The internal circuitry of the ADCA5190ACPZ-R7 is optimized for **DOCSIS 4.0** and downstream CATV (Cable TV) applications.
* **Internal Matching:** The part features internal input and output matching to 75 $\Omega$, which simplifies integration into cable network hardware.
* **Active Bias Control:** It includes internal circuitry to stabilize the performance over temperature variations, ensuring consistent gain and linearity.
* **Thermal Pad:** The "ACPZ" designation indicates a Lead Frame Chip Scale Package (LFCSP), which features an exposed paddle on the bottom. This is a critical "electronic part" of the design, as it must be soldered to the PCB ground plane for heat dissipation.
---
### 3. Application Use Cases
Because of its high linearity and wide frequency coverage, it is used in:
1. **CATV Infrastructure:** Distribution amplifiers and nodes.
2. **DOCSIS 4.0:** High-speed data transmission over coaxial cable.
3. **Broadband Receivers:** Used as a gain stage where low distortion is critical.
---
### 4. Part Number Breakdown
The suffix and prefix provide specific manufacturing details:
* **ADCA:** Analog Devices RF Amplifier Series.
* **5190:** Specific model identifier.
* **ACPZ:** Package code (LFCSP) and RoHS compliance.
* **R7:** Packaging format (7-inch Reel, usually containing 1,500 units).
---
- ⤷
What are the PCB layout requirements for the ADCA5190ACPZ-R7's thermal pad?
- ⤷ How does the 75 Ohm matching impact its use in 50 Ohm systems?
- ⤷ What are the specific power-down or enable pin functions for this chip?