ADCMP392ARZ
AI

## ADCMP392ARZ: Overview and Technical Specifications
The **ADCMP392ARZ** is a dual, rail-to-rail input, low-power comparator manufactured by Analog Devices. It is specifically designed for general-purpose monitoring and power-sensitive applications.
---
### 1. Key Features and Functions
The ADCMP392ARZ belongs to a family of comparators that emphasize efficiency and versatility.
| Feature | Specification |
| :--- | :--- |
| **Comparator Type** | Dual (Two independent comparators) |
| **Output Type** | Open-Drain |
| **Input Range** | Rail-to-Rail |
| **Supply Voltage Range** | 2.3 V to 5.5 V |
| **Quiescent Current** | ~22.1 μA (Low Power Consumption) |
| **Propagation Delay** | ~4 μs |
| **Package** | 8-Lead SOIC (Small Outline Integrated Circuit) |
---
### 2. Internal Architecture and Pin Configuration
The device features two separate comparator units within a single 8-pin package.
* **Rail-to-Rail Input:** The input common-mode range spans the entire supply voltage, allowing it to sense signals very close to ground or the positive rail.
* **Open-Drain Output:** This requires an external pull-up resistor. This feature is useful for **level shifting** (the output can be pulled to a different voltage than the supply) or **wired-AND logic** configurations.
* **Internal Glitch Immunity:** It is designed to be stable even with slow-moving input signals.
#### Pin Mapping (8-Lead SOIC)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | OUTA | Output of Comparator A |
| 2 | -INA | Inverting Input of Comparator A |
| 3 | +INA | Non-inverting Input of Comparator A |
| 4 | GND | Ground |
| 5 | +INB | Non-inverting Input of Comparator B |
| 6 | -INB | Inverting Input of Comparator B |
| 7 | OUTB | Output of Comparator B |
| 8 | VCC | Supply Voltage |
---
### 3. Common Applications
The ADCMP392ARZ is widely used in battery-powered and industrial systems due to its low power draw.
* **Voltage Detectors:** Monitoring battery levels or power rails.
* **Window Comparators:** Using both units to check if a signal is within a specific high/low range.
* **Threshold Detectors:** Triggering an event when a sensor reaches a specific voltage.
* **Level Translators:** Converting signals between different logic levels (e.g., 3.3V to 5V).
---
### 4. Comparison with Related Models
Analog Devices offers variations within this series depending on the output stage requirements:
| Model | Channels | Output Type |
| :--- | :--- | :--- |
| **ADCMP391** | Single | Open-Drain |
| **ADCMP392** | **Dual** | **Open-Drain** |
| **ADCMP393** | Quad | Open-Drain |
| **ADCMP395** | Dual | Push-Pull |
---
- ⤷
What is the significance of the 'ARZ' suffix in the part number?
- ⤷ How do I calculate the value for the required external pull-up resistor?
- ⤷ Can the ADCMP392 be used for high-speed PWM signal processing?